Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 27Page - Analog Devices ADE9113 Datasheet HTML 28Page - Analog Devices ADE9113 Datasheet HTML 29Page - Analog Devices ADE9113 Datasheet HTML 30Page - Analog Devices ADE9113 Datasheet HTML 31Page - Analog Devices ADE9113 Datasheet HTML 32Page - Analog Devices ADE9113 Datasheet HTML 33Page - Analog Devices ADE9113 Datasheet HTML 34Page - Analog Devices ADE9113 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 31 of 55
When using this feature, there could be a discontinuity in the
waveform when going through the previous steps to enable and to
disable the input shorting. The appropriate amount of settling time
based on the speed and accuracy required for the measurement
must be allowed.
MAGNETIC FIELD IMMUNITY OF ISOLATION
The ADE9112 and ADE9113 are immune to DC magnetic fields
because these devices use air core transformers. The limitation
on the ADE9112 and ADE9113 AC magnetic field immunity is set
by the condition in which the induced voltage in the transformer
receiving coil is sufficiently large to either falsely set or reset the
decoder. The following analysis defines the conditions under which
this can occur. The 3.3 V operating condition is examined because
it is the nominal supply of the ADE9112 and ADE9113.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at approximately
0.5 V, thus establishing a 0.5 V margin in which induced voltages
are tolerated. The voltage induced across the receiving coil is given
by the following:
V= −dBdt n=1Nπrn2
where:
B is the AC magnetic field: Β(t) = B × sin(ωt).
N is the number of turns in the receiving coil.
rn is the radius of the nth turn in the receiving coil.
Given the geometry of the receiving coil in the ADE9112/ADE9113
and an imposed requirement that the induced voltage, VTHR, be at
most 50% of the 0.5 V margin at the decoder, a maximum allowable
external magnetic field, B, is calculated (see the following equation
and Figure 41).
B= VTHR
2πf×n=1Nπrn2
where:
f is the frequency of the magnetic field.
B is the amplitude of the AC magnetic field.
Figure 41. Maximum Allowable External Magnetic Field
For example, at a magnetic field frequency of 10 kHz, the maximum
allowable magnetic field of 2.8 T induces a voltage of 0.25 V at the
receiving coil. This voltage is about 50% of the sensing threshold
and does not cause a faulty output transition. Similarly, if such an
event occurs during a transmitted pulse and is of the worst-case
polarity, it reduces the received pulse from more than 1.0 V to 0.75
V, still well more than the 0.5 V sensing threshold of the decoder.
The preceding magnetic field values correspond to specific current
magnitudes at given distances from the ADE9112 and ADE9113
transformers.
I=Bμ0×2πd= V×d
μ0×f×n=1Nπrn2
where µ0 is 4π × 10−7 H/m, the magnetic permeability of the air.
Figure 42 expresses these allowable current magnitudes as a
function of frequency for selected distances. As shown in Figure 50,
the ADE9112/ADE9113 are extremely immune and can be affected
only by extremely large currents operating at high frequency close
to the component. For the 10 kHz example previously noted, a
current with an amplitude of 69 kA placed 5 mm from the ADE9112/
ADE9113 is required to affect component operation.
Note that at combinations of strong magnetic field and high fre-
quency, any loops formed by PCB traces can induce error voltages
large enough to trigger the thresholds of succeeding circuitry. Take
care in the layout of such traces to avoid this possibility (see the
Layout Guidelines section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com