Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 25Page - Analog Devices ADE9113 Datasheet HTML 26Page - Analog Devices ADE9113 Datasheet HTML 27Page - Analog Devices ADE9113 Datasheet HTML 28Page - Analog Devices ADE9113 Datasheet HTML 29Page - Analog Devices ADE9113 Datasheet HTML 30Page - Analog Devices ADE9113 Datasheet HTML 31Page - Analog Devices ADE9113 Datasheet HTML 32Page - Analog Devices ADE9113 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 29 of 55
POLYPHASE ENERGY METERS
The ADE9103/ADE9112/ADE9113 are designed for use in 3-phase
energy metering systems in which two, three, or four ADE9103/
ADE9112/ADE9113 devices are managed by a main device con-
taining a SPI, usually a microcontroller. The integrated signal and
power isolation of the ADE9112 and ADE9113 is required for phase
current and voltage sensing often referred to as high-side sensing.
Isolation provides both a safety barrier against high voltages for
personnel and enables SPI communication across the high voltage
offset between the ADC connected to each phase and a shared mi-
crocontroller. The ADE9103 can be used for neutral measurements
where safety isolation is not required.
Figure 35. Phase A Current and Voltage Sensing
Figure 35 shows Phase A of a 3-phase energy meter. The Phase
A current, IA, is sensed with a shunt. A terminal of the shunt
is connected to the IM pin of the ADE9112 and ADE9113 and
becomes the ground reference of the isolated side of the ADE9112
and ADE9113. Phase A to the neutral voltage, VAN, is sensed with
a resistor divider. The V1M, IM, and AGND pins are connected
as a single node. Note that the voltages measured by the ADCs
of the ADE9112 and ADE9113 are opposite to VAN and IA, a
classic approach in single-phase metering. The other ADE9112
and ADE9113 devices that monitor Phase B and Phase C are
connected in a similar way.
The V2 voltage channel (V2P and V2M pins) is intended for a
secondary voltage measurement, and it is available only on the
ADE9103 and ADE9113. In Figure 35, the V2 voltage channel is
used to measure the voltage across a relay to verify the state of
the relay. If the V2 voltage channel is not used on the ADE9103
and ADE9113 devices, connect the V2P pin to the V2M pin. For the
ADE9112, Pin 7 and Pin 8 are no connect, and these pins must be
left floating or tied together.
Figure 36. Neutral Line and Neutral to Earth Voltage Monitoring
Figure 36 shows how the ADE9103/ADE9112/ADE9113 inputs are
connected when the neutral line of a 3-phase system is monitored.
The neutral current is sensed using a shunt and the voltage across
the shunt is measured at the fully differential inputs, IP and IM.
The earth to neutral voltage is sensed with a voltage divider at the
single-ended inputs, V1P and V1M.
Figure 37 shows a block diagram of a 3-phase energy meter that
uses four ADE9103/ADE9112/ADE9113 devices and a microcon-
troller. One 16.384 MHz crystal provides the clock to the ADE9112
and ADE9113 that senses the Phase A current and voltage. The
ADE9103/ADE9112/ADE9113 devices that sense the Phase B,
Phase C, and neutral currents and voltages are clocked by a signal
generated at the CLKOUT/ DREADY pin of the ADE9112 and
ADE9113 that is placed to sense the Phase A current and voltage.
As an alternative configuration, the microcontroller can generate a
16.384 MHz clock to all ADE9103/ADE9112/ADE9113 devices at
the XTALIN pin. Note that the XTALIN pin can receive a clock with a
frequency within the 15.84 MHz to 16.547 MHz range, as specified
in Table 2.
Figure 37. 3-Phase Energy Meter Using Four Devices
The microcontroller uses the SPI port to communicate with the
ADE9103/ADE9112/ADE9113 devices. Four of the input and output
pins, CS_A, CS_B, CS_C, and CS_N, generate the SPI CS sig-
nals. The SCLK, MOSI, and MISO pins of the microcontroller are
directly connected to the corresponding SCLK, MOSI, and MISO
pins of each ADE9103/ADE9112/ADE9113 device corresponding
to the SPI configuration (see Figure 38 and Figure 39 ). In the
case of the SPI daisy-chain configuration, the CS signals from all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com