Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 12Page - Analog Devices ADE9113 Datasheet HTML 13Page - Analog Devices ADE9113 Datasheet HTML 14Page - Analog Devices ADE9113 Datasheet HTML 15Page - Analog Devices ADE9113 Datasheet HTML 16Page - Analog Devices ADE9113 Datasheet HTML 17Page - Analog Devices ADE9113 Datasheet HTML 18Page - Analog Devices ADE9113 Datasheet HTML 19Page - Analog Devices ADE9113 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 16 of 55
Figure 9. ADE9112 Pin Configuration
Figure 10. ADE9113 Pin Configuration
Table 12. ADE9112 and ADE9113 Pin Function Descriptions
Pin No.
Mnemonic
Description
ADE9112
ADE9113
1, 3
1, 3
GNDISO
Ground for the Isolated DC-to-DC Converter, Connected to the GNDISO Paddle.
2
2
VDDISO
DC-to-DC Converter Voltage Output. VDDISO requires a low ESR 100 nF bypass capacitor
connected to GNDISO.
4
4
AVDD
Power Supply for the Isolated Side. AVDD requires 4.7 µF and 100 nF bypass capacitor to
AGND.
5, 11
5, 11
AGND
Ground Reference.
6
6
ALDOOUT
1.8 V Output of Analog LDO Regulator. Decouple the ALDOOUT pin with a 4.7 µF capacitor
in parallel with a ceramic 100 nF capacitor to AGND, Pin 5. Do not connect the external load
circuitry to the ALDOOUT pin.
7
NC
No Connect. The NC pin has an internal connection. Leave the NC pin floating or tie it to Pin 8.
8
NC
No Connect. The NC pin has an internal connection. Leave the NC pin floating or tie it to Pin 7.
7
V2P
Positive Analog Input for the V2 Voltage Channel. The voltage channels are used with the voltage
transducers. V2Pand V2M are differential voltage inputs with a maximum single-ended signal
level of ±500 mV with respect to the VxM pins for specified operation. Use the V2P and V1P
pins with the related input circuitry, as shown in Figure 27. If the V2 voltage channel is not used,
connect the V2P pin to the V2M pin.
8
V2M
Negative Analog Input for the V2 Voltage Channel.
9
9
V1P
Positive Analog Inputs for the V1 Voltage Channel. V1P and V1M are differential voltage inputs
with a maximum single-ended signal level of ±500 mV with respect to the VxM pins for specified
operation. Use the V1P and V2P pins with the related input circuitry, as shown in Figure 27. If the
V1 voltage channel is not used, connect the V1P pin to the V1M pin.
10
10
V1M
Negative Analog Input for the V2 Voltage Channel.
12
12
REFOUT
Voltage Reference Output. The REFOUT pin provides access to the on-chip voltage reference.
The on-chip reference has a nominal value of 1.25 V. Decouple the REFOUT pin to AGND, Pin
11, with a 4.7 µF capacitor in parallel with a ceramic 100 nF capacitor. Do not connect external
load circuitry to the REFOUT pin.
13
13
IM
Negative Analog Input for the Current Channel. The current channel is used with shunts. IM and
IP are pseudo differential voltage inputs with a maximum differential level of ±31.25 mV. Use the
IM and IP pins with the related input circuitry, as shown in Figure 27.
14
14
IP
Positive Analog Input for the Current Channel.
15
15
IRQ
Interrupt Request Output. The IRQ pin is an active low logic open drain output with weak internal
pull-up resistor.
16
16
ZX
Zero-Crossing Output Pin. The ZX pin must float when unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com