Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 38Page - Analog Devices ADE9113 Datasheet HTML 39Page - Analog Devices ADE9113 Datasheet HTML 40Page - Analog Devices ADE9113 Datasheet HTML 41Page - Analog Devices ADE9113 Datasheet HTML 42Page - Analog Devices ADE9113 Datasheet HTML 43Page - Analog Devices ADE9113 Datasheet HTML 44Page - Analog Devices ADE9113 Datasheet HTML 45Page - Analog Devices ADE9113 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 42 of 55
SPI Debug Features
The ADE9103/ADE9112/ADE9113 has two modes to aid in debug-
ging the SPI communication: static and count mode. The two
modes can be enabled by writing to Bits[3:2], STREAM_DBG, in
the CONFIG0 register. In static mode, the ADC registers become
static and hold their value until they are written to. The register
values can be read as usual through either short or long SPI
transactions. To write and hold a value to the ADC registers, take
the following steps:
1. Set STREAM_DBG equal to count mode (10b).
2. Wait for DREADY.
3. Write the desired values to the ADC register before the next
DREADY.
4. Set STREAM_DBG equal to static mode (01b).
By outputting a known ADC value with every transaction, a user
can verify that the data is being transmitted properly.
The count mode increments the values inside the ADC registers
at the ADC conversion rate that is configured in Bits[2:0], DATA-
PATH_CONFIG, in the CONFIG_FILT register. This mode allows a
user to verify their waveform streaming interface. By verifying that
the read count is unbroken, the user can be assured that no data
has been missed or duplicated. When entering count mode, the
incrementing starts from the last value in the ADC registers. To
enter count mode at a specific value, take the following steps:
1. Set STREAM_DBG equal to count mode (10b).
2. Wait for DREADY.
3. Write the desired values to the ADC register before the next
DREADY.
4. On each following DREADY trigger, the ADC register values
increment.
To exit either debug mode, set STREAM_DBG to normal mode.
Table 16. STREAM_DBG Bit Configuration
STREAM_DBG
Data Mode
00
Normal mode
01
Static mode
10
Count mode
CRC of Command Packet
The 8-bit CRC required in the command packet is calculated over
Bits[31:8], has a polynomial of 0x7 as follows, an initial value of
0x0, and a final XOR of 0x55:
x8 + x2 + x +1
For example, a write command to disable the
CRC_EN_SPI_WRITE bit in the CONFIG0 register sends the fol-
lowing data on the MOSI line: 0x40 02 00 F9, where 0xF9 is the
CRC.
The ADE9103/ADE9112/ADE9113 calculates the CRC after every
calculation to verify successful communication. If the calculated
CRC does not match the received CRC, the SPI_CRC_ERR bit (Bit
1) in STATUS0 is set, and the command is not processed. This
behavior can be disabled by the CRC_EN_SPI_WRITE bit (Bit 1) in
the CONFIG0 register.
CRC of Response Packet
Each response from the ADE9103/ADE9112/ADE9113 is protected
by a CCITT-16 CRC with a polynomial of x16 + x12 + x5 + 1, with an
initial value of 0xffff, also known as CCITT-False, which ensures a
nonzero output with zero input.
SYNCHRONIZING MULTIPLE ADE9103/
ADE9112/ADE9113 DEVICES
There are two methods for clocking multiple ADE9103/ADE9112/
ADE9113 which are described in the Power-Up and Initialization
Procedures section. By initializing multiple ADE9103/ADE9112/
ADE9113 as described, all devices are using the same clock
frequency. To configure all ADE9103/ADE9112/ADE9113 devices
in an energy meter and provide coherent ADC output samples
obtained in the same output cycle, all ADE9103/ADE9112/ADE9113
devices must have the same ADC output frequency in addition to
a shared clock frequency. The DATAPATH_CONFIG bits (Bits[2:0])
in the CONFIG_FILT register selects the ADC output frequency;
therefore, they must be initialized to the same value (see the ADC
Output Values section for more details).
To ensure the ADC outputs of all ADE9103/ADE9112/ADE9113
devices generate samples synchronously, the MCU can perform an
ALIGN, which can be used in either dedicated SPI or daisy chain.
Setting the PREP_BROADCAST = 1 sets the ADE9103/ADE9112/
ADE9113 MISO pin to a high impedance state for the duration of
the next SPI frame. For devices configured with dedicated SPI,
set PREP_BROADCAST = 1 in the SYNC_SNAP register to pre-
vent contention between multiple device outputs sharing the same
signal. For devices configured in daisy-chain SPI, PREP_BROAD-
CAST = 0 in the SYNC_SNAP register.
The ADE9103/ADE9112/ADE9113 contains an internal 14-bit coun-
ter that functions at the XTALIN frequency. The counter is synchron-
ized with the ADC output period and the CLKOUT/DREADY pin.
When a new output period starts, the counter starts decreasing
from a value determined by the DATAPATH_CONFIG bits in the
CONFIG_FILT register. Table 17 details these values. Monitoring
this counter enables the user to observe if any ADE9103/ADE9112/
ADE9113 device is out of sync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com