Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 47Page - Analog Devices ADE9113 Datasheet HTML 48Page - Analog Devices ADE9113 Datasheet HTML 49Page - Analog Devices ADE9113 Datasheet HTML 50Page - Analog Devices ADE9113 Datasheet HTML 51Page - Analog Devices ADE9113 Datasheet HTML 52Page - Analog Devices ADE9113 Datasheet HTML 53Page - Analog Devices ADE9113 Datasheet HTML 54Page - Analog Devices ADE9113 Datasheet HTML 55Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
OUTLINE DIMENSIONS
©2023-2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 55 of 55
Figure 58. 28-Lead Standard Small Outline, Wide Body, with Finer Pitch [SOIC_W_FP]
(RN-28-1)
Dimensions shown in millimeters
Updated: October 25, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADE9103ARNZ
−40°C to +125°C
28-Lead SOIC_W_FP
Tube, 46
RN-28-1
ADE9103ARNZ-REEL
−40°C to +125°C
28-Lead SOIC_W_FP
Reel, 1000
RN-28-1
ADE9112ARNZ
−40°C to +125°C
28-Lead SOIC_W_FP
Tube, 46
RN-28-1
ADE9112ARNZ-REEL
−40°C to +125°C
28-Lead SOIC_W_FP
Reel, 1000
RN-28-1
ADE9113ARNZ
−40°C to +125°C
28-Lead SOIC_W_FP
Tube, 46
RN-28-1
ADE9113ARNZ-REEL
−40°C to +125°C
28-Lead SOIC_W_FP
Reel, 1000
RN-28-1
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 21. Evaluation Boards
Model1
Description
EVAL-ADE9113KTZ
Evaluation Kit (Includes All Subboards)
EVAL-SDP-CB1Z
Evaluation Syhstem Controller Board
1 The EVAL-SDP-CB1Z is the controller board that manages the EVAL-ADE9113KTZ evaluation board. Both boards must be ordered together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com