Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 9Page - Analog Devices ADE9113 Datasheet HTML 10Page - Analog Devices ADE9113 Datasheet HTML 11Page - Analog Devices ADE9113 Datasheet HTML 12Page - Analog Devices ADE9113 Datasheet HTML 13Page - Analog Devices ADE9113 Datasheet HTML 14Page - Analog Devices ADE9113 Datasheet HTML 15Page - Analog Devices ADE9113 Datasheet HTML 16Page - Analog Devices ADE9113 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 13 of 55
TA = 25°C, unless otherwise noted.
Table 6. ADE9103 Absolute Maximum Ratings
Parameter
Rating
VDD to DGND
−0.3 V to +3.7 V
Analog Input Voltage
IP and IM to DGND
−1.4 V to +1.4 V
V1P and V1M, to DGND
−2.0 V to +2.0 V
V2P and V2M to DGND
−1 V to +1 V
Digital Input Voltage
MOSI, SCLK, CS, RESET, and XTALIN to
DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage
IRQ, ZX, CLKOUT, MISO, SCLK, and XTAL-
OUT to DGND
−0.3 V to VDD + 0.3 V
Temperature
Operating
−40°C to +125°C
Storage Range
−65°C to +150°C
Lead (Soldering, 10 sec)1
260°C
Moisture Sensitivity Level
MSL3
1 Analog Devices recommends that reflow profiles used in soldering RoHS-com-
pliant devices conform to J-STD-020D.1 from JEDEC. Refer to JEDEC for the
latest revision of this standard.
Table 7. ADE9112/ADE9113 Absolute Maximum Ratings
Parameter
Rating
VDD to DGND and AVDD to AGND
−0.3 V to +3.7 V
Analog Input Voltage
IP and IM to AGND
−1.4 V to +1.4 V
V1P and V1M to AGND
−2.0 V to +2.0 V
V2P and V2M to AGND
−1 V to +1 V
Digital Input Voltage
MOSI, SCLK, CS, RESET, and XTALIN to
DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage
IRQ, ZX, CLKOUT, MISO, SCLK, and
XTALOUT to DGND
−0.3 V to VDD + 0.3 V
Common-Mode Transients1
−150 kV/μs to +150 kV/μs
Temperature
Operating Range
−40°C to +125°C
Storage Range
−65°C to +150°C
Lead (Soldering, 10 sec)2
260°C
Moisture Sensitivity Level
MSL3
1 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
2 Analog Devices recommends that reflow profiles used in soldering RoHS-com-
pliant devices conform to J-STD-020D.1 from JEDEC. Refer to JEDEC for the
latest revision of this standard.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure, and θJC is the
junction-to-case thermal resistance.
Table 8. Thermal Resistance
Package Type
θJA
θJC
Unit
RN-28-1
65.69
36.19
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADE9103
Table 9. ADE9103, 28-Lead SOIC_W_FP
ESD Model
Withstand Threshold (V)
Class
HBM
±4000
3A
CDM
±1250
C3
ESD Ratings for ADE9112 and ADE9113
Table 10. ADE9112 and ADE9113, 28-Lead SOIC_W_FP
ESD Model1
Withstand Threshold (V)
Class
HBM
±4000
3A
CDM
±1250
C3
1 With respect to local VDD and AGND, and DGND and GNDISO pins.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com