Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 43 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 39Page - Analog Devices ADE9113 Datasheet HTML 40Page - Analog Devices ADE9113 Datasheet HTML 41Page - Analog Devices ADE9113 Datasheet HTML 42Page - Analog Devices ADE9113 Datasheet HTML 43Page - Analog Devices ADE9113 Datasheet HTML 44Page - Analog Devices ADE9113 Datasheet HTML 45Page - Analog Devices ADE9113 Datasheet HTML 46Page - Analog Devices ADE9113 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 43 of 55
Table 17. Counter Initial Values as a Function of DATAPATH_CONFIG Bits
Bits[2:0], DATAPATH_CONFIG, in CONFIG_FILT
Register
ADC Output Frequency (kHz)
(XTALIN = 16.384 MHz)
Counter C0 Initial Value
000
32
511
001
010
011
8
2047
100
101
4
4095
110
2
8191
111
1
16383
The value of the counter is latched on the first falling CS edge
after either ALIGN or SNAPSHOT are set in the SYNC_SNAP reg-
ister. A broadcast write to all ADE9103/ADE9112/ADE9113 devices
ensures that all the counters of every ADE9103/ADE9112/ADE9113
are latched at the same moment. The ALIGN or SNAPSHOT
bit clears itself to 0 after one XTALIN cycle. The values of the
counters offer a measure of the ADC output synchronization across
all ADE9103/ADE9112/ADE9113 devices. Ideally, the values must
be perfectly equal, indicating that all ADE9103/ADE9112/ADE9113
devices are fully synchronized. In reality, due to the uncertainty
between the SPI clock generated by the MCU and the ADE9103/
ADE9112/ADE9113 XTALIN, a ±1 count difference between coun-
ters is acceptable. The 14-bit counter is accessed via two 8-bit
registers SNAPSHOT_COUNT_HI and SNAPSHOT_COUNT_LO
as seen in Figure 55.
If the internal counter of one of the ADE9103/ADE9112/ADE9113
devices does not have a value correlated with the values of the
counters of any the other ADE9103/ADE9112/ADE9113, then the
ADC outputs of one device are no longer synchronized with the
ADC outputs from the others. The ADE9103/ADE9112/ADE9113
provides a method to resynchronize all the ADE9103/ADE9112/
ADE9113 devices through ALIGN. To perform ALIGN with a daisy-
chain SPI configuration, take the following steps:
1. Write to SYNC_SNAP of all ADE9103/ADE9112/ADE9113 devi-
ces to prepare for an ALIGN. Set PREP_BROADCAST = 0,
ALIGN = 1, and SNAPSHOT = 0.
2. Toggle the CS signal of all ADE9103/ADE9112/ADE9113 devi-
ces simultaneously, which can be either a null SPI command
with no SCLK toggles or part of a valid command.
3. Wait 3 cycles of DREADY for the update to take effect.
To perform an ALIGN using dedicated SPI, set PREP_BROAD-
CAST = 1 during Step 1. When an ALIGN is performed, all phases
present ADC output distortions. It is recommended that this com-
mand be executed at power-up or after a hardware or software
reset to minimize impact on accuracy.
To only verify the counters of all devices using a daisy-chain SPI
configuration, take the following steps:
1. Write to SYNC_SNAP of all ADE9103/ADE9112/ADE9113 devi-
ces to prepare for an ALIGN. Set PREP_BROADCAST = 0,
ALIGN = 0, and SNAPSHOT = 1
2. Toggle the CS signal of all ADE9103/ADE9112/ADE9113 devi-
ces simultaneously, which can be either a null SPI command
with no SCLK toggles or part of a valid command.
3. Read back the ADC synchronization counter via the SNAP-
SHOT_COUNT_HI and SNAPSHOT_COUNT_LO registers.
4. Compare values from each ADE9103/ADE9112/ADE9113 coun-
ter and ensure these values are within ±1 count difference
between them.
If an ALIGN broadcast is performed while actively sampling instead
of during the start-up procedure, it results in a discontinuity in the
waveform samples impacting up to three samples. This discontinui-
ty can result in up to a 0.1% error at half of the full-scale inputs
during a RMS calculation. Synchronization typically only has to be
performed at power up unless the SNAPSHOT_COUNT_HI and
SNAPSHOT_COUNT_LO registers show more than a ±1 count
difference. It is not recommended to continuously synchronize in a
short period of time.
Figure 55. Counter Value Communicated Using Two 8-Bit Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com