Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 7Page - Analog Devices ADE9113 Datasheet HTML 8Page - Analog Devices ADE9113 Datasheet HTML 9Page - Analog Devices ADE9113 Datasheet HTML 10Page - Analog Devices ADE9113 Datasheet HTML 11Page - Analog Devices ADE9113 Datasheet HTML 12Page - Analog Devices ADE9113 Datasheet HTML 13Page - Analog Devices ADE9113 Datasheet HTML 14Page - Analog Devices ADE9113 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
SPECIFICATIONS
analog.com
Rev. A | 11 of 55
INSULATION CHARACTERISTICS
The ADE9112 and ADE9113 are suitable for reinforced electrical insulation only within the safety limit data. Maintenance of the safety data is
ensured by the protective circuits.
Table 4. ADE9112 and ADE9113 Isolation Characteristics
Parameter
Symbol
Conditions
Value
Unit
CLASSIFICATIONS
Overvoltage Category per IEC 60664-1
For Rated Mains Voltage ≤ 150 VRMS
I to IV
For Rated Mains Voltage ≤ 300 VRMS
I to IV
For Rated Mains Voltage ≤ VIOWM
I to III
Climatic Classification
40/125/21
Pollution Degree
Per DIN VDE 0110, Table 1
2
IEC 60747-17 HIGH VOLTAGE RATINGS
Maximum Working Isolation Voltage
VIOWM
Continuous RMS voltage
405
VRMS
Maximum Repetitive Isolation Voltage
VIORM
Repetitive peak voltage
573
VPEAK
Maximum Transient Isolation Voltage
VIOTM
Nonrepetitive transient voltages
7071
VPEAK
Maximum Withstanding Isolation Voltage
VISO
Maximum isolation withstanding AC RMS voltage for one minute
5000
VRMS
Maximum Surge Isolation Voltage,
Reinforced
VIOSM
Tested in oil, 1.2 μs/50 μs waveform per IEC 61000-4-5, VTEST = 1.3
× VIOSM = 10,400 VPEAK
8000
VPEAK
Maximum Impulse Voltage
VIMP
Tested in air, 1.2 μs/50 μs waveform per IEC 61000-4-5
7071
VPEAK
Input to Output Test Voltage
VPR
1125
VPEAK
Apparent Charge
qpd
Test method B1, VPR = 1.875 × VIORM, t = 1 sec
5
pC
PACKAGE CHARACTERISITICS
External Clearance
CLR
Measured from input terminals to output terminals, shortest distance
through air
8.3
mm
External Creepage
CPG
Measured from input terminals to output terminals, shortest distance
along body
8.3
mm
Internal Clearance
DTI
Distance through thin film insulation
21.5
μm
Comparative Tracking Index
CTI
>400
V
Material Group
II
Resistance (Input to Output)1
RIO
VIO = 500 V, TA = 25°C
1012
Ω
RIO_S
VIO = 500 V, TA = TS
109
Ω
Capacitance (Input to Output)1
CIO
fTEST = 1 MHz
1.3
pF
SAFETY LIMITING VALUES
Maximum Ambient Safety Temperature
TS
150
°C
Maximum Input Power Dissipation
PS
Total Power Dissipation at 25°C
1.90
W
1 Device is measured as a 2-terminal device.
Figure 7. Thermal Derating Curve, Dependence of Safety Limiting Values, per IEC 60747-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com