Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9113 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 32Page - Analog Devices ADE9113 Datasheet HTML 33Page - Analog Devices ADE9113 Datasheet HTML 34Page - Analog Devices ADE9113 Datasheet HTML 35Page - Analog Devices ADE9113 Datasheet HTML 36Page - Analog Devices ADE9113 Datasheet HTML 37Page - Analog Devices ADE9113 Datasheet HTML 38Page - Analog Devices ADE9113 Datasheet HTML 39Page - Analog Devices ADE9113 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 36 of 55
Power-Up Procedure for Systems with Multiple
Devices That Use a Clock Signal Generated
from a Microcontroller
For polyphase energy meters in which the microcontroller gener-
ates the clock signal used by all ADE9103/ADE9112/ADE9113
devices, the power-up procedure is as follows:
1. Supply VDD to the ADE9103/ADE9112/ADE9113 devices. To
ensure that the ADE9103/ADE9112/ADE9113 devices start
functioning correctly, the supply must reach 3.3 V − 10% in
less than 16 ms from approximately a 2.5 V level.
2. Generate the clock signal from the microcontroller to all
ADE9103/ADE9112/ADE9113 devices.
3. The DC-to-DC converters power up and supply the isolated
side of the ADE9112/ADE9113 devices. The Σ-Δ modulators
then become functional. This process takes approximately
62 ms to execute when the recommended capacitors on
the VDDISO, LDO, and REFOUT pins described in Table 12
are used. After this time, the isolated sides of the ADE9112/
ADE9113 devices are fully functional. While the ADE9103 has
no isolation and is entirely powered by VDD, the power-up
timing remains the same.
4. Read the STATUS0 registers of the ADE9103/ADE9112/
ADE9113 devices until Bit 5 (RESET_DONE) is set to 1,
indicating that the nonisolated side of the ADE9103/ADE9112/
ADE9113 devices is fully functional with default settings, which
happens approximately 32 ms after the clock signal is provided.
5. Initialize the CONFIG0 register of the ADE9103/ADE9112/
ADE9113 devices with Bit 0 (CLKOUT_EN) cleared to 0 to
avoid generating an unnecessary clock at the CLKOUT/DREA-
DY pin. Select one ADE9112/ADE9113 device (Phase C,
for example, ADE9112C/ADE9113C) and connect the CLKOUT/
DREADY pin to an external interrupt input and output pin of the
microcontroller.
6. Execute a SYNC_SNAP = 0x02 broadcast to synchronize all
the ADE9103/ADE9112/ADE9113 devices of the meter (see the
Synchronizing Multiple ADE9103/ADE9112/ADE9113 Devices
section for more information).
7. Execute a WR_LOCK = 0xD4 write broadcast to protect the
configuration registers of all ADE9103/ADE9112/ADE9113 devi-
ces. See the Protecting the Integrity of Configuration Registers
section.
Figure 46. Power-Up Procedure for Systems with Multiple ADE9112/ADE9113 Devices Clocked from a Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com