Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 4 Page - Analog Devices

  ADL6331 Datasheet HTML 1Page - Analog Devices ADL6331 Datasheet HTML 2Page - Analog Devices ADL6331 Datasheet HTML 3Page - Analog Devices ADL6331 Datasheet HTML 4Page - Analog Devices ADL6331 Datasheet HTML 5Page - Analog Devices ADL6331 Datasheet HTML 6Page - Analog Devices ADL6331 Datasheet HTML 7Page - Analog Devices ADL6331 Datasheet HTML 8Page - Analog Devices ADL6331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Data Sheet
ADL6331
SPECIFICATIONS
analog.com
Rev. B | 4 of 54
V33AMP1 voltage (V33AMP1) = V33AMP1A voltage (V33AMP1A) = V33AMP2 voltage (V33AMP2) = V33AMP2A voltage (V33AMP2A) = V33FUSE
voltage (V33FUSE) = 3.3V. TA = 25°C, fixed gain mode, DSA attenuation = 0 dB, source resistance (RS) = 50 Ω differential, and load resistance
(RL) = 50 Ω single-ended, unless otherwise noted.
Table 2. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
FREQUENCY RANGE (ADL6331-A)
0.38
8.0
GHz
Power Gain
Full Fixed Gain Mode1
0.38 GHz
12.7
dB
1.0 GHz
15.7
dB
2.0 GHz
15.9
dB
4.0 GHz
15.5
dB
8.0 GHz
14.4
dB
AMP1 Bypass Attenuation Mode2: AMP2 = Fixed Gain Mode
0.38 GHz
−14.6
dB
1.0 GHz
−9.5
dB
2.0 GHz
−9.2
dB
4.0 GHz
−9.6
dB
8.0 GHz
−11.5
dB
AMP2 Bypass Attenuation Mode2: AMP1 = Fixed Gain Mode
0.38 GHz
− 12.0
dB
1.0 GHz
−7.1
dB
2.0 GHz
−7.0
dB
4.0 GHz
−7.1
dB
8.0 GHz
−7.8
dB
Full Bypass Attenuation Mode2
0.38 GHz
−36.3
dB
1.0 GHz
−31.9
dB
2.0 GHz
−31.7
dB
4.0 GHz
−32.8
dB
8.0 GHz
−33.4
dB
FREQUENCY RANGE (ADL6331-B)
1.0
15.0
GHz
Power Gain
Full Fixed Gain Mode1
1.0 GHz
15.2
dB
2.0 GHz
16.0
dB
4.0 GHz
15.8
dB
8.0 GHz
14.6
dB
12.0 GHz
14.8
dB
15.0 GHz
14.7
dB
AMP1 Bypass Attenuation Mode2: AMP2 = Fixed Gain Mode
1.0 GHz
−10.0
dB
2.0 GHz
−9.1
dB
4.0 GHz
−9.4
dB
8.0 GHz
−11.6
dB
12.0 GHz
−13.5
dB
15.0 GHz
−17.5
dB
AMP2 Bypass Attenuation Mode2: AMP1 = Fixed Gain Mode
1.0 GHz
−7.5
dB
2.0 GHz
−6.6
dB
4.0 GHz
−6.7
dB
8.0 GHz
−7.3
dB
12.0 GHz
−7.5
dB
15.0 GHz
−9.0
dB
Full Bypass Attenuation Mode2
1.0 GHz
−31.7
dB
2.0 GHz
−31.3
dB
4.0 GHz
−32.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com