Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 19Page - Analog Devices ADL6331 Datasheet HTML 20Page - Analog Devices ADL6331 Datasheet HTML 21Page - Analog Devices ADL6331 Datasheet HTML 22Page - Analog Devices ADL6331 Datasheet HTML 23Page - Analog Devices ADL6331 Datasheet HTML 24Page - Analog Devices ADL6331 Datasheet HTML 25Page - Analog Devices ADL6331 Datasheet HTML 26Page - Analog Devices ADL6331 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Data Sheet
ADL6331
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 23 of 54
Figure 71. OIP2L vs. Frequency at Various DSA Values
Figure 72. OIP2H vs. Frequency at Various DSA Values, Tone Spacing Equals
to 1010 MHz
Figure 73. OIP2L vs. Frequency at Various DSA Values, AMP1 Bypass
Figure 74. OIP2H vs. Frequency at Various DSA Values, AMP1 Bypass, Tone
Spacing Equals to 1010 MHz
Figure 75. OIP2L vs. Input Power per Tone for Various Temperatures at 2000
MHz, 8000 MHz, and 12000 MHz
Figure 76. Third Harmonic Distortion (HD3) vs. Frequency for Various
Supplies, Output Power Equals to −7 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com