Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 25Page - Analog Devices ADL6331 Datasheet HTML 26Page - Analog Devices ADL6331 Datasheet HTML 27Page - Analog Devices ADL6331 Datasheet HTML 28Page - Analog Devices ADL6331 Datasheet HTML 29Page - Analog Devices ADL6331 Datasheet HTML 30Page - Analog Devices ADL6331 Datasheet HTML 31Page - Analog Devices ADL6331 Datasheet HTML 32Page - Analog Devices ADL6331 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Data Sheet
ADL6331
PROGRAMMABILITY GUIDE
analog.com
Rev. B | 29 of 54
AMP1 AND AMP2 TRIMMING AND TUNING
Initial optimization of the amplifiers is performed at the factory, and
the optimized and trimmed parameters are stored in the nonvolatile
memory (NVM) referred to as the FUSE block. When the MSB in
Register 0x104, Register 0x105, and Register 0x106 for AMP1 and
in Register 0x110, Register 0x111, and Register 0x112 for AMP2 is
1 (Default), the factory trimmed parameters are automatically used
in the operation (normal operation mode). These values are reada-
ble in Register 0x140, Register 0x141, Register 0x142, Register
0x143, Register 0x144, and Register 0x145 (Table 16). When the
MSB in Register 0x104, Register 0x105, and Register 0x106 for
AMP1 and Register 0x110, Register 0x111, and Register 0x112 for
AMP2 is set to 0, the following registers are tunable by the user:
►
AMP1_IGREF in Register 0x104
►
AMP1_IDREF_Z in Register 0x105
►
AMP1_IDREF_P in Register 0x106
►
AMP2_IGREF in Register 0x110
►
AMP2_IDREF_Z in Register 0x111
►
AMP2_IDREF_P in Register 0x112
Use the default (reset) values in Register 0x103 to Register 0x115
in Table 10 for the ADL6331-A only. For the ADL6331-B, to achieve
the optimal performance of OIP3 over its wide frequency range,
both AMP1_CROSS_Z in Register 0x107 and AMP2_CROSS_Z in
Register 0x113 need to be set to 0. If the lower current consumption
is required, see the Applications Information section.
Table 10. AMP1 and AMP2 Trimming and Tuning Register
Reg
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x103
[7:0]
RESERVED
AMP1_MON_
EN
AMP1_CROS
S_EN
AMP1_IM3_EN
AMP1_LP_MODE
0x104
[7:0]
NVM_TRM_A
MP1_IGREF
RESERVED
AMP1_IGREF
0x105
[7:0]
NVM_TRM_A
MP1_IDREF_
Z
RESERVED
AMP1_IDREF_Z
0x106
[7:0]
NVM_TRM_A
MP1_IDREF_
P
RESERVED
AMP1_IDREF_P
0x107
[7:0]
RESERVED
AMP1_CROSS_Z
0x108
[7:0]
RESERVED
AMP1_CROSS_P
0x109
[7:0]
SPARE_010B
AMP1_IM3_CAP
0x10F
[7:0]
RESERVED
AMP2_MON_
EN
AMP2_CROS
S_EN
AMP2_IM3_EN
AMP2_LP_MODE
0x110
[7:0]
NVM_TRM_A
MP2_IGREF
RESERVED
AMP2_IGREF
0x111
[7:0]
NVM_TRM_A
MP2_IDREF_
Z
RESERVED
AMP2_IDREF_Z
0x112
[7:0]
NVM_TRM_A
MP2_IDREF_
P
RESERVED
AMP2_IDREF_P
0x113
[7:0]
RESERVED
AMP2_CROSS_Z
0x114
[7:0]
RESERVED
AMP2_CROSS_P
0x115
[7:0]
SPARE_011B
AMP2_IM3_CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com