Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 4Page - Analog Devices ADL6331 Datasheet HTML 5Page - Analog Devices ADL6331 Datasheet HTML 6Page - Analog Devices ADL6331 Datasheet HTML 7Page - Analog Devices ADL6331 Datasheet HTML 8Page - Analog Devices ADL6331 Datasheet HTML 9Page - Analog Devices ADL6331 Datasheet HTML 10Page - Analog Devices ADL6331 Datasheet HTML 11Page - Analog Devices ADL6331 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Data Sheet
ADL6331
SPECIFICATIONS
analog.com
Rev. B | 8 of 54
Table 2. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
V33AMP1
3.135 3.3
3.465 V
V33AMP2A
3.135 3.3
3.465 V
V33AMP2
3.135 3.3
3.465 V
V33FUSE
3.135 3.3
3.465 V
Current
Full Fixed Gain Mode1
3.3 V supply
V33AMP1A
80
mA
V33AMP1
160
mA
V33AMP2A
80
mA
V33AMP2
160
mA
V33FUSE
35
mA
AMP1 Bypass Attenuation Mode2
3.3 V supply
V33AMP1A
2
mA
V33AMP1
0.1
mA
V33AMP2A
80
mA
V33AMP2
160
mA
V33FUSE
22
mA
AMP2 Bypass Attenuation Mode2
3.3 V supply
V33AMP1A
80
mA
V33AMP1
160
mA
V33AMP2A
0.1
mA
V33AMP2
0.1
mA
V33FUSE
22
mA
AMP1 and AMP2 Bypass Attenuation Mode2
3.3 V supply
V33AMP1A
2
mA
V33AMP1
0.1
mA
V33AMP2A
0.1
mA
V33AMP2
0.1
mA
V33FUSE
12
mA
Power-Down Mode
3.3 V supply
3
mA
1 The full fixed gain mode is configured with the fixed gain configurations in AMP1 and AMP2, and DSA = 0 dB with the factory optimized parameters.
2 The bypass attenuation mode is configured with the bypass settings in AMP1 or AMP2, and DSA = 0 dB with the factory optimized parameters. Bypassing an amplifier with
the attenuation mode reduces the total current typically by 230 mA per amplifier.
3 OIP2L refers to the two tone difference frequency, OIP2H refers to the two tone summation frequency.
4 IIP2L refers to the two tone difference frequency, IIP2H refers to the two tone summation frequency.
5 Exceeds the absolute maximum rating.
6 Not applicable. For ADL6331-A, an input signal frequency ≥ 4 GHz makes OIP2H/IIP2H beyond the operating frequency range.
7 Not applicable. For ADL6331-B, an input signal frequency ≥ 7.5 GHz makes OIP2H/IIP2H beyond the operating frequency range.
DIGITAL LOGIC TIMING
Load capacitance (CLOAD) = 25 pF.
Table 3. SPI Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
fSCLK
Maximum serial-clock rate
25
MHz
tPWH
Minimum period that SCLK is in logic-high state
10
ns
tPWL
Minimum period that SCLK is in logic-low state
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com