Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 39 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 35Page - Analog Devices ADL6331 Datasheet HTML 36Page - Analog Devices ADL6331 Datasheet HTML 37Page - Analog Devices ADL6331 Datasheet HTML 38Page - Analog Devices ADL6331 Datasheet HTML 39Page - Analog Devices ADL6331 Datasheet HTML 40Page - Analog Devices ADL6331 Datasheet HTML 41Page - Analog Devices ADL6331 Datasheet HTML 42Page - Analog Devices ADL6331 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Data Sheet
ADL6331
REGISTER DETAILS
analog.com
Rev. B | 39 of 54
Address: 0x000, Reset: 0x00, Name: ADI_SPI_CONFIG
Table 20. Bit Descriptions for ADI_SPI_CONFIG
Bits
Bit Name
Description
Reset
Access
7
SOFTRESET_
SoftReset.
0x0
R/W
0: Reset Not Asserted.
1: Reset Asserted.
6
LSB_FIRST_
LSB_First.
0x0
R/W
0: MSB First.
1: LSB First.
5
ENDIAN_
Endian.
0x0
R/W
0: Address Descending.
1: Address Ascending.
4
SDOACTIVE_
SDOActive.
0x0
R/W
0: SDO Inactive (3-wire SPI Mode).
1: SDO Active (4-wire SPI Mode).
3
SDOACTIVE
SDOActive.
0x0
R/W
0: SDO Inactive (3-wire SPI Mode).
1: SDO Active (4-wire SPI Mode).
2
ENDIAN
Endian.
0x0
R/W
0: Address Descending.
1: Address Ascending.
1
LSB_FIRST
LSB_First.
0x0
R/W
0: MSB First.
1: LSB First.
0
SOFTRESET
SoftReset.
0x0
R/W
0: Reset Not Asserted.
1: Reset Asserted.
Address: 0x001, Reset: 0x00, Name: REG_0X0001
Table 21. Bit Descriptions for REG_0X0001
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INSTRUCTION
Single Instruction.
0x0
R/W
6
CSB_STALL
CSB Stall.
0x0
R/W
5
PRIMARY_SUBORDINATE_RB
Primary Subordinate RB.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com