Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 23Page - Analog Devices ADL6331 Datasheet HTML 24Page - Analog Devices ADL6331 Datasheet HTML 25Page - Analog Devices ADL6331 Datasheet HTML 26Page - Analog Devices ADL6331 Datasheet HTML 27Page - Analog Devices ADL6331 Datasheet HTML 28Page - Analog Devices ADL6331 Datasheet HTML 29Page - Analog Devices ADL6331 Datasheet HTML 30Page - Analog Devices ADL6331 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Data Sheet
ADL6331
THEORY OF OPERATION
analog.com
Rev. B | 27 of 54
The ADL6331 integrates two amplifiers with fixed gain (AMP1 ≈ 12
dB and AMP2 ≈ 10 dB) and a DSA, which is adjustable from 0
dB to 24 dB in 1 dB step. The AMP1 and AMP2 have a bypass
attenuation mode, which allows the user to disable these amplifiers
individually and route the RF signals through the fixed 12 dB
attenuators. When an amplifier is configured in the bypass attenua-
tion mode, the gain drops by approximately 24 dB for AMP1 and
22 dB for AMP2 (Δ gain from AMP enabled to bypass attenuation
mode), which enables an overall gain control range of 70 dB in 1 dB
step when used with the 24 dB DSA.
Additionally, in the bypass attenuation mode, the current of the
amplifiers drops to almost zero.
All circuit blocks of the ADL6331 as shown in Figure 93 are
programmable via the SPI.
RF INPUT AND OUTPUT
The ADL6331 input impedance is 50 Ω differential, and the output
impedance is 50 Ω single-ended, which provides an interface from
RF DACs with a 50 Ω differential output impedance to a 50 Ω
singled-ended PA in a signal chain without any matching networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com