Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 41 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 37Page - Analog Devices ADL6331 Datasheet HTML 38Page - Analog Devices ADL6331 Datasheet HTML 39Page - Analog Devices ADL6331 Datasheet HTML 40Page - Analog Devices ADL6331 Datasheet HTML 41Page - Analog Devices ADL6331 Datasheet HTML 42Page - Analog Devices ADL6331 Datasheet HTML 43Page - Analog Devices ADL6331 Datasheet HTML 44Page - Analog Devices ADL6331 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Data Sheet
ADL6331
REGISTER DETAILS
analog.com
Rev. B | 41 of 54
Address: 0x00B, Reset: 0x00, Name: SPI_REV
Table 26. Bit Descriptions for SPI_REV
Bits
Bit Name
Description
Reset
Access
[7:0]
SPI_REV
SPI Register Map Rev.
0x0
R
Address: 0x010, Reset: 0x00, Name: VARIANT_FEOL
Table 27. Bit Descriptions for VARIANT_FEOL
Bits
Bit Name
Description
Reset
Access
[7:4]
FEOL
FEOL.
0x0
R
[3:0]
VARIANT
Variant.
0x0
R
Address: 0x011, Reset: 0x00, Name: BEOL_SIF
Table 28. Bit Descriptions for BEOL_SIF
Bits
Bit Name
Description
Reset
Access
[7:4]
SIF
SIF Version.
0x0
R
[3:0]
BEOL
BEOL Version.
0x0
R
Address: 0x012, Reset: 0x00, Name: SPARE_0012
Table 29. Bit Descriptions for SPARE_0012
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_0012
Spare 0012.
0x0
R
Address: 0x013, Reset: 0x00, Name: SPARE_0013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com