Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 49 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 45Page - Analog Devices ADL6331 Datasheet HTML 46Page - Analog Devices ADL6331 Datasheet HTML 47Page - Analog Devices ADL6331 Datasheet HTML 48Page - Analog Devices ADL6331 Datasheet HTML 49Page - Analog Devices ADL6331 Datasheet HTML 50Page - Analog Devices ADL6331 Datasheet HTML 51Page - Analog Devices ADL6331 Datasheet HTML 52Page - Analog Devices ADL6331 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
Data Sheet
ADL6331
REGISTER DETAILS
analog.com
Rev. B | 49 of 54
Table 45. Bit Descriptions for SIG_PATH2_3
Bits
Bit Name
Description
Reset
Access
7
NVM_TRM_AMP2_IDREF_Z
Select Fused Value of TRM_AMP2_IDREF_Z.
0x1
R/W
6
RESERVED
Reserved.
0x0
R
[5:0]
AMP2_IDREF_Z
Amp 2 IM3 ZTAT Bias Trim.
0x2A
R/W
Address: 0x112, Reset: 0x83, Name: SIG_PATH3_3
Table 46. Bit Descriptions for SIG_PATH3_3
Bits
Bit Name
Description
Reset
Access
7
NVM_TRM_AMP2_IDREF_P
Select Fused Value of TRM_AMP2_IDREF_P.
0x1
R/W
[6:4]
RESERVED
Reserved.
0x0
R
[3:0]
AMP2_IDREF_P
Amp 2 IM3 PTAT Bias Trim.
0x3
R/W
Address: 0x113, Reset: 0x2A, Name: SIG_PATH4_3
Table 47. Bit Descriptions for SIG_PATH4_3
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
AMP2_CROSS_Z
Amp 2 Cross IM3 ZTAT Bias Trim.
0x2A
R/W
Address: 0x114, Reset: 0x03, Name: SIG_PATH5_3
Table 48. Bit Descriptions for SIG_PATH5_3
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
AMP2_CROSS_P
Amp 2 Cross IM3 PTAT Bias Trim.
0x3
R/W
Address: 0x115, Reset: 0x07, Name: SIG_PATH6_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com