Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL6331
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL6331 Datasheet HTML 3Page - Analog Devices ADL6331 Datasheet HTML 4Page - Analog Devices ADL6331 Datasheet HTML 5Page - Analog Devices ADL6331 Datasheet HTML 6Page - Analog Devices ADL6331 Datasheet HTML 7Page - Analog Devices ADL6331 Datasheet HTML 8Page - Analog Devices ADL6331 Datasheet HTML 9Page - Analog Devices ADL6331 Datasheet HTML 10Page - Analog Devices ADL6331 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Data Sheet
ADL6331
SPECIFICATIONS
analog.com
Rev. B | 7 of 54
Table 2. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
NF
7.4
dB
AMP1 Bypass Attenuation Mode2
IIP2L/IIP2H
Pin = +2 dBm/tone
62.6/N/A7
dBm
IIP3
Pin = +2 dBm/tone
27.0
dBm
IP1dB5
>10
dBm
NF
26.5
dB
Input Signal Frequency 12.0 GHz
Full Fixed Gain Mode1
OIP2L/OIP2H
Pin = −22 dBm/tone
48.7/N/A7
dBm
OIP3
Pin = −22 dBm/tone
27.8
dBm
OP1dB
10.3
dBm
NF
7.1
dB
AMP1 Bypass Mode2
IIP2L/IIP2H
Pin = +2 dBm/tone
63.4/N/A7
dBm
IIP3
Pin = +2 dBm/tone
26.2
dBm
IP1dB5
>10
dBm
NF
27.4
dB
INPUT/OUTPUT CHARACTERISTICS
Input Impedance
Differential
50
Ω
Input Return Loss
Differential
12.0
dB
Output Impedance
Single-ended
50
Ω
Output Return Loss
In band, includes output balun single-ended
12.0
dB
GAIN FLATNESS
1.0 to 12 GHz
In a 1 GHz bandwidth
0.5
dB
1.5 to 12 GHz
In a 3 GHz bandwidth
1.1
dB
DSA ATTENUATION
Range
24.0
dB
Step
Through SPI
1.0
dB
Differential Nonlinearity (DNL)
0
0.16
0.5
dB
SWITCHING TIME
1.0 dB step via ATTSEL pins
200
ns
DIGITAL LOGIC
Input Voltage
SCLK, SDO, SDIO, CSB, ENP, CA0, CA1, CA2, ATTSEL0,
ATTSEL1
High (VIH)
1.07
V
Low (VIL)
0.68
V
Input Current
High (IIH)
−100 μA
Low (IIL)
100
μA
Output Voltage
SDO, SDIO (3-wire SPI mode)
At 1.8 V
High (VOH)
Output high current (IOH) = −100 μA or −1 mA static load
1.5
V
Low (VOL)
Output low current (IOL) = 100 μA or 1 mA static load
0.2
V
At 3.3 V
VOH
IOH = −100 μA or −1 mA static load
2.7
V
VOL
IOL = 100 μA or 1 mA static load
0.2
V
POWER SUPPLY
V
Voltage
V33AMP1A
3.135 3.3
3.465 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com