Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1953_V01 Datasheet HTML 1Page - Renesas Technology Corp F1953_V01 Datasheet HTML 2Page - Renesas Technology Corp F1953_V01 Datasheet HTML 3Page - Renesas Technology Corp F1953_V01 Datasheet HTML 4Page - Renesas Technology Corp F1953_V01 Datasheet HTML 5Page - Renesas Technology Corp F1953_V01 Datasheet HTML 6Page - Renesas Technology Corp F1953_V01 Datasheet HTML 7Page - Renesas Technology Corp F1953_V01 Datasheet HTML 8Page - Renesas Technology Corp F1953_V01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
3
February 9, 2022
F1953 SPECIFICATION (31.5 dB Range)
Specifications apply at VDD = +3.0 V, fRF = 2000 MHz, TC= +25°C, VMODE > VIH (Serial Mode) EVkit losses are de-embedded.
Parameter
Comment
Sym
Min
Typ
Max
Units
Logic Input High
CLK, DATA, LE,
VMODE,
D[5:0]
VIH
0.7xVDD
VDD
V
Logic Input Low
CLK, DATA, LE,
VMODE,
D[5:0]
VIL
0.3xVDD
V
Logic Current
VMODE, D[5:0]
IIH, IIL
-5
+5
μA
Logic Current
LE
IIH, IIL
-35
+35
μA
Supply Current
Total VDD = 3V
IDD
0.16
0.25
1
mA
RF1,RF2 Return Loss
20*log(S11), 20*log(S22)
S11,S22
-23
dB
Minimum Attenuation
D[5:0] = [000000]
AMIN
1.35
1.90
dB
Maximum Attenuation
D[5:0] = [111111]
AMAX
32.0
32.4
dB
Minimum Gain Step
Least Significant Bit
LSB
0.50
dB
Phase Delta
Phase change AMIN vs. AMAX
ΦΔ
39
deg
Differential ATTN Error
Between adjacent steps
DNL
0.09
dB
Integral ATTN Error
Error vs. line (AMIN ref) to
13.5dB ATTN
INL1
0.20
0.60
dB
Integral ATTN Error
Error vs. line (AMIN ref) to
31.5dB ATTN
INL2
0.47
0.75
dB
Input IP3
D[5:0] = [000000] = AMIN
D[5:0] = [011111] = A15.5
D[5:0] = [111111] = AMAX
 P
IN = +10 dBm per tone
 50 MHz Tone Separation
IP3I1
IP3I2
IP3I3
+572
+53
+53
+66
+60
+60
dBm
0.1 dB Compression
Please note ABS MAX PIN on Page 2
 D[5:0] = [000101] = A
2.5
 Baseline P
IN = 20dBm
P0.1
28.5
dBm
Settling Time (parallel mode)
 Start LE rising edge > V
IH
 End +/-0.10dB Pout settling
 15.5 – 16.0 transition
TLSB
400
ns
Serial Clock Speed
SPI 3 wire bus
FCLK
10
50
MHz
Serial Setup Time
From rising edge of Vmode to
rising edge of CLK for D5
A
20
ns
Clock width
Clock high pulse width
B
10
ns
LE setup time
From rising edge of CLK pulse
for D0 to LE rising edge
C
10
ns
LE pulse
LE minimum pulse width
D
30
ns
SPECIFICATION NOTES:
1 – Items in min/max columns in bold italics are confirmed by Test.
2 – All other Items in min/max columns are confirmed by Design Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com