Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F1953_V01 Datasheet HTML 10Page - Renesas Technology Corp F1953_V01 Datasheet HTML 11Page - Renesas Technology Corp F1953_V01 Datasheet HTML 12Page - Renesas Technology Corp F1953_V01 Datasheet HTML 13Page - Renesas Technology Corp F1953_V01 Datasheet HTML 14Page - Renesas Technology Corp F1953_V01 Datasheet HTML 15Page - Renesas Technology Corp F1953_V01 Datasheet HTML 16Page - Renesas Technology Corp F1953_V01 Datasheet HTML 17Page - Renesas Technology Corp F1953_V01 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
14
February 9, 2022
EVKIT OPERATION
The picture and graphic below describe how to operate the EVkit.
RF1
DC Power
Serial
Control Port
Unused
RF2
DATA
Clock
Latch Enable
Set to ‘-‘ to use DIP switch
Set to ‘+’ to use Serial Port
0.5 dB LSB
16 dB MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com