Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1953_V01 Datasheet HTML 11Page - Renesas Technology Corp F1953_V01 Datasheet HTML 12Page - Renesas Technology Corp F1953_V01 Datasheet HTML 13Page - Renesas Technology Corp F1953_V01 Datasheet HTML 14Page - Renesas Technology Corp F1953_V01 Datasheet HTML 15Page - Renesas Technology Corp F1953_V01 Datasheet HTML 16Page - Renesas Technology Corp F1953_V01 Datasheet HTML 17Page - Renesas Technology Corp F1953_V01 Datasheet HTML 18Page - Renesas Technology Corp F1953_V01 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
16
February 9, 2022
EVKIT THROUGH-REFLECT-LINE (TRL) CALIBRATION
The “Through-Reflect-Line” (TRL) method [1] is used to de-embed the evaluation board losses from the S-
parameter measurements of the F1953. This method requires the use of three standards: a through, a reflection,
and a line. The TRL method has the advantage over other calibration methods in that it requires only one of these
three standards to be well defined.
The TRL through which is used for the F1953 TRL calibration was constructed identically to the evaluation board,
minus the DUT and its corresponding length. Therefore, the through corresponds to a precise zero length
connection between the input and output reference planes of the DUT. This through satisfies the requirement of
the TRL method that one of the three standards be precisely specified.
The TRL reflection standard used is constructed identically to the input and output lines of the evaluation board,
with a short placed at the reference plane of the DUT. In accordance with the TRL method’s requirements, the
actual magnitude and phase were not accurately specified, but the phase was known to within 90 degrees and the
TRL reflection standard has a magnitude close to one.
The TRL line standard is identical to the TRL through, but with an additional length of 0.8 inches (2cm). This
satisfies the TRL method’s requirement that the TRL be a different length than the TRL through, that it have the
same impedance and propagation constant as the through, and that the phase difference between the through and
the line be between 20 degrees and 160 degrees. The difference in length yields a phase difference of
approximately 20 degrees at 500MHz, and a phase difference of 160 degrees at 4GHz.
Standards used for F195x TRL calibration
F1953 evaluation circuit
Engen, G.F.; Hoer, C.A.; “Thru-Reflect-Line: An Improved Technique for Calibrating the Dual Six-Port Automatic Network
Analyzer,” IEEE Transactions on Microwave Theory and Techniques, Volume: 27 Issue:12, pp. 987 – 993, Dec 1979.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com