Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1953_V01 Datasheet HTML 3Page - Renesas Technology Corp F1953_V01 Datasheet HTML 4Page - Renesas Technology Corp F1953_V01 Datasheet HTML 5Page - Renesas Technology Corp F1953_V01 Datasheet HTML 6Page - Renesas Technology Corp F1953_V01 Datasheet HTML 7Page - Renesas Technology Corp F1953_V01 Datasheet HTML 8Page - Renesas Technology Corp F1953_V01 Datasheet HTML 9Page - Renesas Technology Corp F1953_V01 Datasheet HTML 10Page - Renesas Technology Corp F1953_V01 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
7
February 9, 2022
Phase vs. Frequency
Supply Current IDD [vs. Temp]
Input IP3 [fRF = 1900 MHz, VDD = 3.0 V]
Phase vs. Attenuation Setting
Supply Current IDD [vs. VDD]
Compression [fRF = 2000 MHz, ATTN = 2.5 dB]
-130
-110
-90
-70
-50
-30
-10
10
500
800
1100
1400
1700
2000
2300
2600
2900
3200
3500
-40 degC - 3.0 V - 0
-40 degC - 3.0 V - 31.5
25 degC - 3.0 V - 0
25 degC - 3.0 V - 31.5
100 degC - 3.0 V - 0
100 degC - 3.0 V - 31.5
RF Frequency (MHz)
0.0
0.1
0.2
0.3
0.4
0.5
0
4
8
12
16
20
24
28
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
Attenuation Setting (dB)
25
30
35
40
45
50
55
60
65
70
75
0
4
8
12
16
20
24
28
32
Attenuation Setting (dB)
-40C
25C
100C
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
4
8
12
16
20
24
28
400 MHz
900 MHz
1400 MHz
1900 MHz
2400 MHz
2900 MHz
3400 MHz
3900 MHz
Attenuation Setting (dB)
0.00
0.10
0.20
0.30
0.40
0.50
0
4
8
12
16
20
24
28
25 degC - 3.3 V
25 degC - 3.0 V
25 degC - 2.7 V
Attenuation Setting (dB)
0.0
0.1
0.2
0.3
0.4
0.5
22
23
24
25
26
27
28
Input Power (dBm)
-40degC 2.5 dB ATTN
25degC 2.5 dB ATTN
100degC 2.5 dB ATTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com