Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1953_V01 Datasheet HTML 1Page - Renesas Technology Corp F1953_V01 Datasheet HTML 2Page - Renesas Technology Corp F1953_V01 Datasheet HTML 3Page - Renesas Technology Corp F1953_V01 Datasheet HTML 4Page - Renesas Technology Corp F1953_V01 Datasheet HTML 5Page - Renesas Technology Corp F1953_V01 Datasheet HTML 6Page - Renesas Technology Corp F1953_V01 Datasheet HTML 7Page - Renesas Technology Corp F1953_V01 Datasheet HTML 8Page - Renesas Technology Corp F1953_V01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
2
February 9, 2022
ABSOLUTE MAXIMUM RATINGS
VDD to GND
-0.3V to +4.0V
D[5:0], DATA, CLK,LE,VMODE
-0.3V to 3.6V
RF Input Power (RF1, RF2) calibration and testing
+29dBm
RF Input Power (RF1, RF2) continuous RF operation
+23dBm
θJA (Junction – Ambient)
+50°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+3°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +100°C
Maximum Junction Temperature
140 °C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+260°C
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD Caution
This product features proprietary protection circuitry. However, it may be damaged if subjected to high energy ESD.
Please use proper ESD precautions when handling to avoid damage or loss of performance.
F1953 RECOMMENDED OPERATING CONDITIONS
Parameter
Comment
Sym
Min
Typ
Max
Units
Supply Voltage
Main Supply
VDD
2.7
3.0
3.6
V
Temperature Range
Operating Range (Case)
TC
-40
+100
°C
Frequency Range
Operating Range
FRF
400
4000
MHz
RF1 Impedance
Single-Ended
ZRF1
50
RF2 Impedance
Single-Ended
ZRF2
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com