Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button F1953_V01 Datasheet HTML 11Page - Renesas Technology Corp F1953_V01 Datasheet HTML 12Page - Renesas Technology Corp F1953_V01 Datasheet HTML 13Page - Renesas Technology Corp F1953_V01 Datasheet HTML 14Page - Renesas Technology Corp F1953_V01 Datasheet HTML 15Page - Renesas Technology Corp F1953_V01 Datasheet HTML 16Page - Renesas Technology Corp F1953_V01 Datasheet HTML 17Page - Renesas Technology Corp F1953_V01 Datasheet HTML 18Page - Renesas Technology Corp F1953_V01 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
15
February 9, 2022
EVKIT BOM (F1953)
TOP MARKINGS
F1953 BOM Rev 01 PCB Rev 01
Item #
Value
Size
Desc
Mfr. Part #
Mfr.
Part Reference
Qty
1
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
C2,12
2
2
0.1uF
0402
CAP CER 0.1UF 16V 10% X7R 0402
GRM155R71C104KA88D
MURATA
C1,11
2
3
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
J5,7
2
4
Header 4 Pin
TH 4
CONN HEADER VERT SGL 4POS GOLD
961104-6404-AR
3M
J8
1
5
Header 8 Pin
TH 8
CONN HEADER VERT SGL 8POS GOLD
961108-6404-AR
3M
J6
1
6
SMA_END_LAUNCH
.062
SMA_END_LAUNCH (Small)
142-0711-821
Emerson Johnson J2,3,4
3
7
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
R1-7,12,C13,C14
10
8
3K
0402
RES 3.00K OHM 1/10W 1% 0402 SMD
ERJ-2RKF3001X
Panasonic
R9-11
3
9
10K
0402
RES 10K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1002X
Panasonic
R8,15-17
4
10
100K
0402
RES 100KOHM 1/10W 1% 0402 SMD
ERJ-2RKF104X
Panasonic
R13
1
11
267K
0402
RES 267K OHM 1/10W 1% 0402 SMD
ERJ-2RKF2673X
Panasonic
R14
1
12
DIPSwitch
TH 10
8 POSITION DIP SWITCH
KAT1108E
E-Switch
U1
1
13
Digital Step Attenuator
F1953Z
F1953Z
IDT
U2
1
14
PCB
PCB Rev 01
F1953S Evkit Rev 01
SBC
1
15
100pF
0402
CAP CER 100PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
C3-10,15-20
DNP
16
SMA_END_LAUNCH
.062
SMA_END_LAUNCH (Small)
142-0711-821
Emerson Johnson J1
DNP
Total
33
11/15/2012
IDTF19
53NCGI
Z1304ABA
Part Number
Date Code
[xYYWWxxx]
(Week 04 of 2013)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com