Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F1953_V01 Datasheet HTML 2Page - Renesas Technology Corp F1953_V01 Datasheet HTML 3Page - Renesas Technology Corp F1953_V01 Datasheet HTML 4Page - Renesas Technology Corp F1953_V01 Datasheet HTML 5Page - Renesas Technology Corp F1953_V01 Datasheet HTML 6Page - Renesas Technology Corp F1953_V01 Datasheet HTML 7Page - Renesas Technology Corp F1953_V01 Datasheet HTML 8Page - Renesas Technology Corp F1953_V01 Datasheet HTML 9Page - Renesas Technology Corp F1953_V01 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
6
February 9, 2022
TYPICAL OPERATING PARAMETRIC CURVES (EVKit loss de-embedded, 3.0V unless otherwise noted)
Insertion Loss vs. Frequency [AMIN]
S11 vs. Frequency [TCASE = +25C, 0.5 dB steps]
S11 vs. Attenuation State
Attenuation vs. Freq [TCASE = +25C, 0.5 dB steps]
S22 vs. Frequency [TCASE = +25C, 0.5 dB steps]
S22 vs. Attenuation State
TOCS CONTINUED (-2-)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
-40 degC - 3.0 V - 900 MHz
-40 degC - 3.0 V - 2000 MHz
25 degC - 3.0 V - 900 MHz
25 degC - 3.0 V - 2000 MHz
100 degC - 3.0 V - 900 MHz
100 degC - 3.0 V - 2000 MHz
Attenuation Setting (dB)
-35
-30
-25
-20
-15
-10
-5
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
-40 degC - 3.0 V - 900 MHz
-40 degC - 3.0 V - 2000 MHz
25 degC - 3.0 V - 900 MHz
25 degC - 3.0 V - 2000 MHz
100 degC - 3.0 V - 900 MHz
100 degC - 3.0 V - 2000 MHz
Attenuation Setting (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com