Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1953_V01 Datasheet HTML 11Page - Renesas Technology Corp F1953_V01 Datasheet HTML 12Page - Renesas Technology Corp F1953_V01 Datasheet HTML 13Page - Renesas Technology Corp F1953_V01 Datasheet HTML 14Page - Renesas Technology Corp F1953_V01 Datasheet HTML 15Page - Renesas Technology Corp F1953_V01 Datasheet HTML 16Page - Renesas Technology Corp F1953_V01 Datasheet HTML 17Page - Renesas Technology Corp F1953_V01 Datasheet HTML 18Page - Renesas Technology Corp F1953_V01 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
6
10
11
15
5
16
4.00 ±0.15
4.00 ±0.15
2.06 ±0.10
2.06 ±0.10
0.75 ±0.05
0.25
0.55 ±0.10
0.35
0.05 Max.
(0.20)
C
Seating Plane
0.08 C
0.50
4.30
0.25
0.50
2.06
2.90
0.70
2.06
4.30
NOTES:
1.
JEDEC compatible
2.
All dimensions are in mm and angles are in degrees
3.
Use ±0.05 mm for the non-toleranced dimensions
4.
Numbers in ( ) are for reference only
Pin 1 ID
20
1
TOP VIEW
SIDE VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
(PCB Top View, NSMD Design)
Package Outline
(0.42)
0.35
© Renesas Electronics Corporation
Package Outline Drawing
PSC-4445-01
NCG20P1
20-VFQFPN 4.0 x 4.0 x 0.75 mm Body, 0.5mm Pitch
Rev.03, May 28, 2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com