Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1953 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1953
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1953 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1953_V01 Datasheet HTML 1Page - Renesas Technology Corp F1953_V01 Datasheet HTML 2Page - Renesas Technology Corp F1953_V01 Datasheet HTML 3Page - Renesas Technology Corp F1953_V01 Datasheet HTML 4Page - Renesas Technology Corp F1953_V01 Datasheet HTML 5Page - Renesas Technology Corp F1953_V01 Datasheet HTML 6Page - Renesas Technology Corp F1953_V01 Datasheet HTML 7Page - Renesas Technology Corp F1953_V01 Datasheet HTML 8Page - Renesas Technology Corp F1953_V01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
F1953 Datasheet
© 2022 Renesas Electronics Corporation
4
February 9, 2022
SERIAL CONTROL
Serial mode is selected when VMODE is pulled high (> VIH), In serial mode the F1953 attenuation setting is
programmed via the 3 wire bus (LE, CLK, DATA). In serial mode data is clocked in MSB first. Note the
timing diagram below.
Note – The F1953 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise when
the device is not being programmed. When Latch enable is high (> VIH), the CLK input is disabled and
DATA will not be clocked into the shift register. It is recommended that LE be pulled high (> VIH) when the
device is not being programmed.
SERIAL REGISTER DEFAULT CONDITION
If the device is powered up in Serial Mode, the device will default to whatever attenuation state is defined by
the six parallel data input pins D5,D4,D3,D2,D1,D0 thus allowing any attenuation setting to be specified as
the power up state.
SERIAL REGISTER TIMING DIAGRAM: (Note the Timing Spec Intervals in Blue)
SERIAL REGISTER TIMING TABLE
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
A
From rising edge of Vmode to rising edge of CLK for D5
20
ns
B
Clock high pulse width
10
ns
C
From rising edge of CLK pulse for D0 to LE rising edge
10
ns
D
LE minimum pulse width
30
ns
E
Serial data set-up time before clock rising edge
10
ns
F
Serial data hold time after clock rising edge
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com