Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  JAE Datasheet HTML 1Page - Sensata Technologies, Inc. JAE Datasheet HTML 2Page - Sensata Technologies, Inc. JAE Datasheet HTML 3Page - Sensata Technologies, Inc. JAE Datasheet HTML 4Page - Sensata Technologies, Inc. JAE Datasheet HTML 5Page - Sensata Technologies, Inc. JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Page 3
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
.426
1.170
(29.72)
Captive Nut (-F1)
SCREW
3/8 - 16
UNC 2A
.111
(2.82)
Stud (-B3)
COPPER ALLOY
STANDOFF
2.500
(63.50)
1.014
(25.76)
1.500
(38.10)
SCREW 3/8 - 16
UNC 2A
Long Stud (-B4)
1.170
(29.72)
1.670
(42.43)
.219
(5.56)
.734
(18.64)
#6-300 MCM AL/C
U
Solderless Connecto
r
Solderless Connector (-F0)
OPTIONAL M5
.315 MAX.
DEPTH:.230 MIN.
MOUNTING SCRE
W.
2X 10-32
6.559
[166.61]
BOX TERMINAL SHOW
N
SEE SINGLE POLE
CONFIGURATIONS
FOR ADDITIONA
L
TERMINAL STYLES
R.105 TYP.
.300
[7.63]
2.313
[58.75]
1.215
[30.86]
.250
[6.36]
.283
[7.18]
DIM.“A”
.250
[6.36]
1.420
[36.07]
REMOVABLE
LUG COVER
518-031-6030
(LINE SIDE
ONLY)
ON
OFF
1O N1
Multi-Pole Dimensions
Number of Poles
Dimension “A”
1
1.500 [38.10] Max
2
3.000 [76.20] Max
3
4.500 [114.30] Max
4
6.000 [152.40] Max
5
7.500 [190.50] Max
6
9.000 [228.60] Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com