Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

Back Button JAE Datasheet HTML 4Page - Sensata Technologies, Inc. JAE Datasheet HTML 5Page - Sensata Technologies, Inc. JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. JAE Datasheet HTML 10Page - Sensata Technologies, Inc. JAE Datasheet HTML 11Page - Sensata Technologies, Inc. JAE Datasheet HTML 12Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Page 8
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
Dielectric Strength
Circuit Breaker will withstand 1000 volts plus twice rated voltage 60 Hz AC for 60 seconds from terminal to terminal.
Voltage Ratings
On all types, voltages up to and including 160 volts DC.
Multi-pole units can be supplied for 125/250 volts Vdc. All units will be marked with the standard maximum voltage.
UL listed breakers will be labeled with the UL listed voltage.
DC Applications (typ)
A choice of delays is offered for DC applications. Delay 51 is a short delay for general purpose applications. Delay 52 is long enough to start certain
types of motors and most transformer and capacitor loads. Delay 53 is a long delay for special motor applications.
All trip curves and trip currents are specified with the breaker mounted in the normal vertical position at ambient temperature of +25°C. For test
and measurement purposes, the breakers should not carry current prior to application of overload for calibration test. For other than vertical mount
position, consult factory.
Percentage of Rated Current vs Trip Time in Seconds at +25°C
Delay
100%
125% 125% (Note A)
150%
200%
400%
600%
800%
1000%
51 & 51F
No Trip
.5 to 10
.25 to 3
.15 to 9
.05 to .3
.015 to .15
.01 to .09
.01 to .04
52 & 52F
No Trip
9 to 90
5 to 40
2 to 15
.5 to 3
.03 to 1
.01 to .28
.01 to .08
53 & 53F
No Trip
100 to 1000
50 to 400
22 to 150
4 to 25
.5 to 5
.010 to 2
.01 to .1
61 & 61F
No Trip
.4 to 10
.25 to 3
.13 to .9
.03 to .2
.015 to .15
.01 to .09
.008 to .045
62 & 62F
No Trip
9 to 95
5 to 40
2 to 15
.05 to 3
.03 to 1
.01 to .28
.008 to .08
63 & 63F
No Trip
100 to 1100
48 to 400
20 to 150
4 to 25
.5 to 6
.01 to 2
.008 to .1
Nominal DCR / Impedance
Current Ratings (Amps)
Resistance (ohms)
DC Delays
51, 52, 53
100
.000375
110
.000375
125
.000340
150
.000325
175
.000315
200
.000225
225
.000225
250
.000225
400
.000125
600
000083
800
.000063
1,000
.000050
1,200
.000042
Recomended Torque Specifications
Component
Torque (in-lbs)
10-32 Mounting Inserts
10 to 12
M5 Mounting Inserts
8 to 10
3/8-16 and M10 x 1.5 Captive Nuts
220 to 230
3/8-16 and M10 x 1.5 Studs
220 to 230
Solderless Connectors
180
Approximate Weight Per Pole
Pounds
Grams
2.25
1020
Inrush Pulse Tolerance
Delay
Pulse Tolerance
61, 62, 63
8 times rated current (approx)
61F, 62F, 63F
12 times rated current (approx)
Notes:
Resistance is plus or minus 50%.
If a metering shunt option is provided it will add the shunts
resistance to these values (i.e. A 400 Amp metering shunt would
add (R=V/I). 0000625 Ohms of resistance to the non-metering
shunt value of .000125 Ohms or .0001875 Ohms for a 400 Amp
unit with a metering shunt).
DC resistance values are based on measurements by the
voltmeter ammeter method. Rated current applied for one hour
and at a voltage not less than 20 volts.
Inrush Pulse Tolerance
The table shown provides a comparison of inrush pulse tolerance with and without
the inertial delay feature for each of the 50/60Hz delays. Pulse tolerance is defined
as a single pulse of half sine wave peak current amplitude of 8 milliseconds duration
that will not trip the circuit breaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com