Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  JAE Datasheet HTML 1Page - Sensata Technologies, Inc. JAE Datasheet HTML 2Page - Sensata Technologies, Inc. JAE Datasheet HTML 3Page - Sensata Technologies, Inc. JAE Datasheet HTML 4Page - Sensata Technologies, Inc. JAE Datasheet HTML 5Page - Sensata Technologies, Inc. JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Page 1
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
| JAE/JRE/JLE SERIES
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
General Description
In today’s applications, ambient operating temperatures present circuit protection challenges for many design engineers. High current thermal protective
devices may not provide the desired degree of protection. The JAE/JRE/JLE series magnetichydraulic circuit protector addresses this issue by providing
circuit protection for high current applications with a consistent trip point over temperatures ranging from –40°C to +85°C.
This series, which includes the Airpax JAE, JAM, JLE, JRE, JRM, JTM, and JLM series, is a family of circuit protectors available in one to six pole
assemblies with a variety of configurations and terminal styles. The principle member of this family is the JLE, an F-frame “listed circuit breaker” which
complies with conditions of UL-489. Other members of the family include the JTE, for telecommunication applications and complies to UL-489A, and
the JAE, a special construction version. In addition, the JAE is now in compliance with the standards used in Australia and New Zealand, AS 60947.2-
2005 (equivalent to IEC 60947-2:2006+A1).
The JAE/JRE/JLE series magnetic-hydraulic circuit protector provides circuit protection for high current applications. It provides a consistent trip point
over temperatures ranging from –40°C to +85°C.
Number of Poles
- 1, 2, 3, 4, 5, 6
Current and Voltage Ratings
- 100 to 250 amps, 160Vdc
- 100 to 250 amps, 125/250Vdc
- 100 to 250 amps, 65Vdc
- 275 to 800 amps, 160Vdc (paralleled poles)
- 275 to 1200 amps, 65Vdc (paralleled poles)
Interrupting Capacity
- 10,000 amps, 160Vdc
- 10,000 amps, 125/250Vdc
- 100,000 amps, 65Vdc (1 amps to 800 amps)
- 10,000 amps, 160Vdc (ratings ≤1000 amps)
- 65,000 amps, 65Vdc (801 amps to 1200 amps)
SPECIFICATIONS
• Mid-trip handle available for visual identification of fault-tripped
circuit breakers
• Optional internal low voltage shunt to meter current (single and multi-
pole units are dimensionally equivalent in depth)
• Terminal options for design flexibility in various applications
• Multiple trip time delays for application flexibility
• Electrical and mechanical actuated auxiliary switch options for
external monitoring of circuits
• Reduced voltage drop through the circuit breaker vs. other circuit
protective devices


Similar Part No. - JAE

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JAE JBCAPACITORS-JAE Datasheet
201Kb / 1P
Axial Aluminum Electrolytic Capacitor
logo
Sensata Technologies, I...
JAE SENSATA-JAE Datasheet
394Kb / 14P
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
More results

Similar Description - JAE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
Hydraulic Magnetic Circuit Protectors
IEG6-36902-2-V ETC2-IEG6-36902-2-V Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
Magnetic Circuit Protectors
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
Hydraulic-Magnetic Circuit Breaker
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com