Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 13 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 13 Page - Sensata Technologies, Inc.

Back Button JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. JAE Datasheet HTML 10Page - Sensata Technologies, Inc. JAE Datasheet HTML 11Page - Sensata Technologies, Inc. JAE Datasheet HTML 12Page - Sensata Technologies, Inc. JAE Datasheet HTML 13Page - Sensata Technologies, Inc. JAE Datasheet HTML 14Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Page 13
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
JRE/JRM/JREP/JRMP Supplementary Protectors - Agency Approvals
Volts (Volts)
Rated Current (Amps)
Interrupting Capacity (Amps)
Voltage (V) Frequency (Hz)
UG
FW
Phase
Min. Poles
TC
OL
UL/CSA
TUV
UL 508 & CSA
TUV
65
DC
A
0, 3
-
1
1
1
100-250
TUV
U2, 100000
-
65
DC
A
0, 3
-
2
1
1
275-400
-
U2, 100000
-
65
DC
A
0, 3
-
2
1
1
450
-
U2, 100000
-
65
DC
A
0, 3
-
3
1
1
450-600
-
U2, 100000
-
65
DC
A
0, 3
-
3
1
1
700
-
U2, 65000
-
65
DC
A
0, 3
-
3
1
1
700
-
U2, 100000
-
80
DC
-
-
-
1
-
-
-
15-250
-
10000/25000
160
DC
A
0, 3
-
1
1
1
100-250
15-250
U2, 100000
5000/10000
160
DC
A
0, 3
-
2
1
1
251-400
-
U2, 100000
-
160
DC
A
0, 3
-
3
1
1
401-600
-
U2, 100000
-
160
DC
A
0, 3
-
3
1
1
700
-
U2, 100000
-
277/480
50/60
A
0, 3
3
3
1
1
150
-
U2, 5000
-
JTE/JTM/JTEP/JTMP Communications Equipment Circuit Breakers - Agency Approvals
Volts (Volts)
Rated Current (Amps)
Interrupting Capacity (Amps)
Voltage (V) Frequency (Hz)
Phase
Min. Poles
UL/CSA
TUV
UL 489A
TUV
65
DC
-
1
100 to 250
TUV
100000
-
65
DC
-
2
275 to 400
-
100000
-
65
DC
-
2
401 to 450
-
100000
-
65
DC
-
3
450 to 600
-
100000
-
65
DC
-
4
700 to 800
-
100000
-
65
DC
-
5
900 to 1000
-
65000
-
65
DC
-
6
1100 to 1200
-
65000
-
80
DC
-
1
-
15-250
-
25000
160
DC
-
1
100 to 250
15-250
10000
10000
160
DC
-
2
251 to 400
-
10000
-
160
DC
-
3
401 to 600
-
10000
-
160
DC
-
4
700 to 800
-
10000
-
JLE/JLM- Agency Approvals
Volts (Volts)
Rated Current (Amps)
Interrupting Capacity (Amps)
Voltage (V) Frequency (Hz)
Phase
Min. Poles
UL/CSA
TUV
UL489 & CSA
TUV
65
DC
-
1
.10 - 250
-
100000
-
80
DC
-
1
-
15 - 250
-
25000
160
DC
-
1
.10 - 250
15 - 250
10000
10000
125/250
DC
-
2
.100 - 250
-
10000
-
240
50/60
1
1
.10 - 250
-
10000
-
240
50/60
1 & 3
2
.10 - 250
-
18000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com