Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. JAE Datasheet HTML 10Page - Sensata Technologies, Inc. JAE Datasheet HTML 11Page - Sensata Technologies, Inc. JAE Datasheet HTML 12Page - Sensata Technologies, Inc. JAE Datasheet HTML 13Page - Sensata Technologies, Inc. JAE Datasheet HTML 14Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Page 10
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
Type
JLE: UL Listed
JLM: UL Listed Mid Trip Construction
JRE: UL Recognized
JREP: UL Recognized above 250 amps
JRM :UL Recognized Mid Trip Construction
JRMP: UL Recognized Mid Trip Construction above 250 amps
JTE: UL Listed Telecom Specication
JTEP: UL Listed Telecom Specication above 250 amps
JTM: UL Listed Telecom Specication Mid Trip Construction
JTMP: UL Listed Telecom Specication Mid Trip Construction above 250 amps
JAE: Non Agency
JAEP: Non Agency above 250 amps
JAM: Non Agency Mid Trip Construction
JAMP: Non Agency Mid Trip Construction above 250 amps
Poles
-1*: Single pole
-2: Two poles
-3: Three poles
-4: Four poles
-5: Five poles
-6: Six poles
*Single pole unit above 250 Amps are supplied as parallel milti-pole assemblies.
The second decision must indicate the physical number of poles.
Internal Conguration
-0: Switch only
-1: Series
-3: Shunt construction***
-4: Relay construction***
-REC4: Auxiliary switch* (STD) .110 quick connect
-REG4: Auxiliary switch* .110 quick connect**
-REC5: Auxiliary switch* (STD) .187 quick connect
-RLS4: Alarm switch* (STD) .110 quick connect
-RLS5: Alarm switch* .187 quick connect
-DAA4: Dual auxiliary & alarm switch* (STD) .110 quick connect
-DAA5: Dual auxiliary & alarm switch* .187 quick connect
* Auxiliary switch located in the left hand pole when viewed from the terminal end. All meter shunt and
parallel pole builds that require an auxiliary switch will automatically get a XXX4 type switch. To connect to
the switch terminals which are brought through the cover use a Molex 02-09-1104 or an Amp 770146-1
crimp terminal.
** Gold Contacts
*** Shunt and Relay construction not available above 250 Amps and not available in UL Listed Breakers
Frequency & Delay
Standard
50: DC instant trip
51: DC short delay Option: 51F
52: DC med. delay Option: 52F
53: DC long delay Option: 53F
60: 50/60Hz instant trip
61: 50/60Hz short delay Option: 61F
62: 50/60Hz med. delay Option: 62F
63: 50/60Hz long delay Option: 63F
SW: Switch only
An F after any delay denotes high pulse tolerance construction
JLM
-
1
-
1REC4
-
51
-
1
-
F1
-
250
-
A
-
V
ORDERING OPTIONS
The ordering code for JAE/JRE/JLE F-Frame Circuit Protectors may be determined by following the steps in the decision tables shown here.
The coding given permits a self-assigning part number for standard configurations. Factory part numbers are assigned to units with mixed ratings,
combinations of styles or construction not listed in the Third Decision Table, etc. With these, it is suggested that order entry be by description and/or
drawings, and a part number will be established.
Additionally, it is standard policy to establish a factory-assigned part number whenever a descriptive drawing exists to ensure cross reference,
traceability and manufacturing control.
For example, the following is the code for a single pole breaker series trip, with mid-trip handle indication, auxiliary switch, short delay, 65 volts DC
maximum voltage rating with 3/8-16 captive nuts in a current rating of 250 amperes and metric inserts.
To determine the ordering number of your particular JAE/JRE/JLE unit, simply follow the steps shown. You may use this number to place an order or
as a reference for further questions you may have.
Example: JLM-1-IREC4-51-1-F1-250-A-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com