Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

Back Button JAE Datasheet HTML 3Page - Sensata Technologies, Inc. JAE Datasheet HTML 4Page - Sensata Technologies, Inc. JAE Datasheet HTML 5Page - Sensata Technologies, Inc. JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. JAE Datasheet HTML 10Page - Sensata Technologies, Inc. JAE Datasheet HTML 11Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Page 7
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
Relay Trip
This permits the overload sensing coil to be placed in a circuit which is electrically isolated from the trip contacts. The coil may be actuated by
sensors monitoring pressure, flow, temperature, speed, etc. Other typical applications include crowbar, interlock and emergency rapid shut down
circuitry. Trip may be accomplished by voltage or current, which must be removed after trip.
Metering Shunt/Auxiliary Switch
Connectors
Description
MOLEX
AMP
Pin (Male)
02-09-2103
770147-1
Socket
(Female)
02-09-1104
770146-1
OPERATING CHARACTERISTICS
Trip Free
Will trip open on overload, even when forcibly held on. This prevents the operator from damaging the circuit by holding the handle in the ON position.
Insulation Resistance
Will not be less than 100 megohms at 500 volts D.C.
Endurance
Test to be performed at rated current and rated voltage at 3mSec time constant DC. Rate of operation to be 5 operations per minute for breakers
rated at 250 amps and less and 4 per minute for breakers rated above 250 amps.
Breakers rated above 250 amps but 600 amps or less shall be rated for 1000 loaded operations and 5000 mechanical operations.
Auxiliary Switch
When supplied will be S.P.D.T. configuration with a maximum rating of 10 amperes 250 VAC 1 amp 80 Vdc.
When optional metering shunt or parallel pole configuration is specified, maximum rating is 1 amp 80 Vdc.
High-Low Temperature
Circuit breakers will operate in the range from -40°C to +85°C. All agency testing is conducted with wire sized per 75°C chart of the National Elec-
trical Code. In all cases the breaker connections should be sized to limit the maximum terminal temperature to 100°C absolute when the breaker is
operating in the maximum ambient temperature at the maximum load current.
Overload
DC rated circuit breakers will withstand 50 operations at 600% of rated current. The current shall have no less than a 3mSec time constant at rated
voltage. Units to be operated in groups of five at the rate of operations per minute with fifteen minutes between groups to allow for cool down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com