Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  JAE Datasheet HTML 1Page - Sensata Technologies, Inc. JAE Datasheet HTML 2Page - Sensata Technologies, Inc. JAE Datasheet HTML 3Page - Sensata Technologies, Inc. JAE Datasheet HTML 4Page - Sensata Technologies, Inc. JAE Datasheet HTML 5Page - Sensata Technologies, Inc. JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Page 4
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
DIM.“A”
(SEETABLE)
-B1, F1 OR -B2
TERMINAL TYPE
1.170
[29.72]
8.870
[225.30]
1.500
[38.10]
“B”
10.370
[263.40]
.875
[22.22]
Parallel Multi-Pole Assemblies
Amp Range
Number of Poles
Dimension “A”
Dimension “B”
275 to 400
2
2.375 [60.33] Max
3.000 [76.20] Max
450 to 600
3
3.875 [98.43] Max
4.500 [114.30] Max
650 to 800
4
5.375 [136.53] Max
6.000 [152.40] Max
850 to 1000
5
6.875 [174.63] Max
7.500 [190.50] Max
1050 to 1200
6
8.375 [212.73] Max
9.000 [228.60] Max
Note: Tolerance of ± 0.030 [0.762]
[59.13]
2.328
[71.48]
2.814
[38.10]
1.500
DIM.
“C”
[19.23]
.757
[6.36]
.250
10-32
MOUNTING
SCREW
Panel Mounting Details
Number of Poles
Dimension “C”
1
1.515 [38.48] Max
2
3.015 [76.58] Max
3
4.515 [114.68] Max
4
6.015 [152.78] Max
5
7.515 [190.88] Max
6
9.015 [228.98] Max
Notes:
1. All mounting inserts shall be utilized when panel mounting circuit breakers.
Panel mounting screws shall have recommended torque applied.
2. Panel mounting screws shall not extend beyond back of mounting panel
more than specified mounting insert depth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com