Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 11 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 11 Page - Sensata Technologies, Inc.

Back Button JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. JAE Datasheet HTML 10Page - Sensata Technologies, Inc. JAE Datasheet HTML 11Page - Sensata Technologies, Inc. JAE Datasheet HTML 12Page - Sensata Technologies, Inc. JAE Datasheet HTML 13Page - Sensata Technologies, Inc. JAE Datasheet HTML 14Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Page 11
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
Voltage and Current
Maximum Voltage Maximum Current (Amps)
-1: 65Vdc
1200A
-2: 125Vdc
800A
-3: 160Vdc
800A
-4: 125/250Vdc*
250A
-5: 240Vac
250A
-6: 277Vac
250A
-7: 277/480Vac
150A Only
*Two poles breaking
Terminal Selection
Terminal
Terminal Connect
-B0: Solderless connector*
Back
-F0: Solderless connector
Front
-B1: 3/8-16 captive nuts
Back
-F1: 3/8-16 captive nuts
Front
-B2: .437 hole
–
-B3: 3/8-16 stud terminals**
Back
-F3: 3/8-16 stud terminals
Front
-B4: 3/8-16 stud terminals
long with spacers*
Back
* Automatically get anti-ashover for multi-pole construction. Refer to outline drawings.
** Automatically get anti-ashover barrier for multi-pole construction with voltage ratings above 250 volts.
Current Ratings (see note J)
Amperes
100
450
125
500
150
550
175
600
200
700
225
800
250
900
275
1000
300
1100
350
1200
400
Optional
A: Optional metric inserts M5
S: Optional metering shunt
V= TUV and CCC Approved
Approval requires the addition of a V at the end of the part number, which denotes TUV and CCC approval. Consult the factory for availability.
C= CCC Approved
This approval requires the addition of a C at the end of the part number. The unit will not be TUV Approved.
Notes:
1. 10-32 inserts are provided for front mounting on all units. M5 ISO metric mounting inserts are available and are specified by the eight decision in the part number.
2. The auxiliary switch is located on the left hand pole (viewed from terminal end) unless specified otherwise. Note this is the only location available for breakers rated over 250 amps.
The switch is available as an alarm switch (changes state when breaker electrically trips) or as an auxiliary switch (changes state when the breaker contacts change state either from
tripping or operation of the breaker handle). See outline drawing for location of alarm and auxiliary switches. Note alarm switches are available only with mid trip option. When both
an alarm and auxiliary switch are specified with a metering shunt, only the C and NO or C and NC terminals from each switch are available for field termination.
3. 3/8-16 captive nuts are available for bus bar terminations or crimp lugs (specify front or back termination). 3/8-16 long and short studs are also available (specify front or back mount).
A number 6 through 300 MCM AL/CU solderless connector is available (specify front or back mount).
4. Only series construction and DC ratings are available in current carrying poles above 250 amps. Consult factory for special requirements.
5. The coding given permits a self-assigning part number but with certain limitations, (due to the adaptability of magnetic protectors to complex circuits) which require a need for a factory
assigned part number. Typical examples are units with mixed ratings, combinations of styles, or construction not listed in the third decision table, etc. With these, it is suggested that
order entry be by description and/or drawings, and a part number will be established.
Additionally, it is standard policy to establish a factory assigned part number wherever a descriptive drawing exists to provide cross-reference, traceability, and manufacturing control.
6. When specifying a protector for AC motor start or high inrush applications, the peak amplitude and surge duration should be specified for factory assistance in rating selection.
7. Since magnetic protectors with time delay are somewhat attitude and temperature sensitive, all trip curves and trip currents are specified with the protector mounted in the normal ver-
tical position at ambient temperature of 25°C. Protectors do not carry current prior to application of overload for calibration test. For other than vertical mount position, consult factory.
8. A 25mV at rated current non-isolated metering shunt is available as an option (see outline drawing). The shunt accuracy is 1% full scale 25°C ambient.
9. Dual coil construction is available. Consult the factory.
10. Decisions referencing this note may be replaced by a factory assigned nondescript number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com