Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAE Datasheet(PDF) 12 Page - Sensata Technologies, Inc.

Part # JAE
Description  HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

JAE Datasheet(HTML) 12 Page - Sensata Technologies, Inc.

Back Button JAE Datasheet HTML 6Page - Sensata Technologies, Inc. JAE Datasheet HTML 7Page - Sensata Technologies, Inc. JAE Datasheet HTML 8Page - Sensata Technologies, Inc. JAE Datasheet HTML 9Page - Sensata Technologies, Inc. JAE Datasheet HTML 10Page - Sensata Technologies, Inc. JAE Datasheet HTML 11Page - Sensata Technologies, Inc. JAE Datasheet HTML 12Page - Sensata Technologies, Inc. JAE Datasheet HTML 13Page - Sensata Technologies, Inc. JAE Datasheet HTML 14Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Page 12
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
AGENCY APPROVALS & CERTIFICATIONS
- UL 489 Listed
- UL 489A Listed
- CSA Certified
- CUL/CUR Certified
- TUV Certified
- CCC Certified
- AS 60947.2-2005 (equivalent to IEC 60947-2:2006+A1)
Single-pole ratings: UL489, 250 amps max at 160 Vdc, 10,000 amp interrupting capacity and 250 amps max at 65 Vdc, 65,000 amp interrupting
capacity. Multi-pole ratings: UL 489A, 800 amps max at 160 Vdc, 10,000 amp interrupting capacity and 1,200 amps max at 65 Vdc, 65,000 amp
interrupting capacity.
ISO-9001 Certified
General notes for Agency Approvals
All supplementary protectors are of the overcurrent (OC) type
The family of protectors has been evaluated for end use application for use group (UG) A
The terminals (FW) – Terminals are coded as follows:
0 – Suitable for factory wiring only
1 – Line terminals evaluated for field wiring
2 – Load terminals evaluated for field wiring
3 – Line and load terminals evaluated for field wiring
The maximum voltage ratings for which the protectors have been tested are shown in the chart
The current is the amperage range that the protectors have been tested
The tripping current (TC) – Tripping current is coded as a percentage of the ampere rating
0 – Tripping current is less than 125% of ampere rating
1 – Tripping current is in the range of 125% to 135% of ampere rating
2 – Tripping current is more than 135% of ampere rating
3 – Tripping current is 135% and meets MCCB trip time requirements
The overload rating (OL) - designates whether the protector has been tested for general use or motor starting applications.
0 – tested at 1.5 times amp rating for general use
1 – tested at 6 times AC rating or 10 times DC rating for motor starting
The short circuit current rating (SC) – The short circuit rating in amperes following a letter and number designating the test conditions and any
calibration following the short circuit test is defined below:
C – Indicates short circuit test was conducted with series overcurrent protection
U – Indicates short circuit test was conducted without series overcurrent protection
1 – Indicates a recalibration was not conducted as part of the short circuit testing
2 – Indicates a recalibration was performed as part of the short circuit testing
3 – Indicates recalibration was performed along with the dielectric and voltage withstand for “Suitable for Further Use” rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com