Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 4 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 4 Page - TT Electronics.

  FS210 Datasheet HTML 1Page - TT Electronics. FS210 Datasheet HTML 2Page - TT Electronics. FS210 Datasheet HTML 3Page - TT Electronics. FS210 Datasheet HTML 4Page - TT Electronics. FS210 Datasheet HTML 5Page - TT Electronics. FS210 Datasheet HTML 6Page - TT Electronics. FS210 Datasheet HTML 7Page - TT Electronics. FS210 Datasheet HTML 8Page - TT Electronics. FS210 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 4
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Absolute Maximum Ratings
Table 2: Absolute Maximum Ratings1
Characteristic
Min
Max
Unit
Storage Temperature
-55
135
°C
Operating Temperature
-40
125
°C
Potential difference between any two pins of the same net (VSS, VSSA, LEDK)
-0.05
0.05
V
Potential difference between VDD and VDDA pins
-0.5
0.5
V
Potential difference between any two of VSS, VSSA, and VSSL
-0.05
0.05
V
Potential on (VDD, VDDA or LEDA) pin with respect to (VSS, VSSA, or VSSL) pin
-0.5
3.9
V
Potential on any other pin with respect to VSS, VSSA, or VSSL pin
-0.5
3.9
V
Potential on any other pin with respect to VDD or VDDA pin
-3.9
0.5
V
Current into/out of VDD, VDDA, VSS, or VSSA pin
-50
50
mA
Current into/out of LEDA, LEDK, or VSSL pin
-100
100
mA
Current into/out of any analog quadrature-track output pin (AOUT_P_ANA,
AOUT_N_ANA, BOUT_P_ANA, or BOUT_N_ANA)
-5
5
mA
Current into/out of any other pin
-25
25
mA
Incident optical power density
50
mW/cm2
Reflow temperature, MSL-4 (5 seconds or less at this temperature; 40 seconds or
less within 5°C of this temperature)
260
°C
Electrostatic discharge immunity (ESD using HBM)
±4
kV
1
Functional and testing operating conditions given in Table 3. Absolute Maximum Ratings are stress ratings only, and
functional operation at the maxima is not guaranteed. Prolonged operation of the device at these conditions may
result in permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com