Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 7 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 7 Page - TT Electronics.

Back Button FS210 Datasheet HTML 3Page - TT Electronics. FS210 Datasheet HTML 4Page - TT Electronics. FS210 Datasheet HTML 5Page - TT Electronics. FS210 Datasheet HTML 6Page - TT Electronics. FS210 Datasheet HTML 7Page - TT Electronics. FS210 Datasheet HTML 8Page - TT Electronics. FS210 Datasheet HTML 9Page - TT Electronics. FS210 Datasheet HTML 10Page - TT Electronics. FS210 Datasheet HTML 11Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 7
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Characteristic
Symbol Conditions
Min
Typ
Max
Unit Notes
Input high voltage
VIH:M
0.7*VDD
V
Input leakage current
IL:M
0V ≤ V(pin) ≤ VDD, at 25°C
-0.1
0.1
µA
PREVENTIVE MAINENANCE OUTPUT CHARACTERISTICS
Proportional-to-absolute-
temperature output current
IPTAT
Tj = 25°C
10.4
µA
Tj = 125°C
14.8
µA
Wobble-detect coefficient
kW
4
µA/V2
I2C PIN CHARACTERISTICS
Input low voltage
VIL
0.3*VDD
V
Input high voltage
VIH
0.7*VDD
V
Output low current
IOL
VOL = 0.4V
3
mA
Output fall time
tOF
From VIH(min) to VIL(max)
250
ns
Input capacitance
CI
Presented by the device only
10
pF
I2C MASTER/SYSTEM REQUIREMENTS
SCL low time
tLOW
1.3
µs
SCL high time
tHIGH
0.6
µs
START-condition setup time
tSU;STA
VSCL↑ → VSDA↓
0.6
µs
START-condition hold time
tHD;STA
VSDA↓ → VSCL↓
0.6
µs
Data setup time
tSU;DAT
VSDA↕ → VSCL↑; for bits being written from
the master to this device
100
µs
Data hold time
tHD;DAT
VSCL↓ → VSDA↕; for bits being written from
the master to this device
0
µs
Data valid wait time
tVD;DAT
VSCL↓ → VSDA valid; for bits being read from
this device by the master
0.9
µs
STOP-condition setup time
tSU;STO
VSCL↑ → VSDA↑
0.6
µs
Bus free time (between STOP and
next START)
tBUF
VSDA↑ → VSDA↓
1.3
µs
Total capacitance, each of SCL and
SDA
CB
Sum of on-chip (CI) and off-chip
capacitances
400
pF
1
Thermal self-heating must not increase junction temperature beyond 135°C in normal operation.
2
Tj > TjSL causes output drivers to be disabled, most on-chip static current consumption (LED driver, TIAs, interpolator)
to be turned off, and the interrupt status bit INTR<4> to be set to 'b1. Additionally, it causes the IRQZ pin level to be
driven to 'b0 if the interrupt mask bit INTR<0> is 'b1. Once the shutdown threshold is tripped, the part remains in
shutdown until the user executes an I2C read access to the INTR register or until a power-on reset event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com