Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 27 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 27 Page - TT Electronics.

Back Button FS210 Datasheet HTML 23Page - TT Electronics. FS210 Datasheet HTML 24Page - TT Electronics. FS210 Datasheet HTML 25Page - TT Electronics. FS210 Datasheet HTML 26Page - TT Electronics. FS210 Datasheet HTML 27Page - TT Electronics. FS210 Datasheet HTML 28Page - TT Electronics. FS210 Datasheet HTML 29Page - TT Electronics. FS210 Datasheet HTML 30Page - TT Electronics. FS210 Datasheet HTML 31Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 27
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Table 23. ILED field description
Bits
Description
ILK
Binary-weighted LEDK drive current (actual if C_OZ = 0, maximum if C_OZ = ‘b1); 0.6mA/LSB
nominally
C_OZ
Open/Closed loop current control bit:
0
Open-loop; current determined exclusively by ILK
1
Closed-loop; current set to make quad-track analog voltage conform to settings of LEDLP
register if possible, without exceeding level encoded by ILK
LED Closed-Loop Control Register (LEDLP: [0x0887])
Table 24. LEDLP register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
FAST (‘b0)
FB_SEL
LO_SEL
HI_SEL
Table 25. LEDLP field description
Bits
Description
HI_SEL
Sets quadrature-track differential analog voltage amplitude; level ≈ 500mV + 100mV/LSB
LO_SEL
Should be left at power-up default 00
FB_SEL
Closed-loop control is optimized when encoded level matches factory-trimmed VO:Q level; should be
set to 10
00: 1.15V
01: 1.20V
10: 1.25V
11: 1.30V
FAST
Open/Closed loop current control bit, always set to ‘b0:
0
Normal update rate; drive current updated approximately once per 16 seconds
LED Drive Current Readout Register (LEDLV: [0x088F])
Table 26. LEDLV register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
C_OZR
ILKR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com