Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 6 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 6 Page - TT Electronics.

Back Button FS210 Datasheet HTML 2Page - TT Electronics. FS210 Datasheet HTML 3Page - TT Electronics. FS210 Datasheet HTML 4Page - TT Electronics. FS210 Datasheet HTML 5Page - TT Electronics. FS210 Datasheet HTML 6Page - TT Electronics. FS210 Datasheet HTML 7Page - TT Electronics. FS210 Datasheet HTML 8Page - TT Electronics. FS210 Datasheet HTML 9Page - TT Electronics. FS210 Datasheet HTML 10Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 6
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Characteristic
Symbol Conditions
Min
Typ
Max
Unit Notes
QUADRATURE-TRACK ANALOG CHARACTERISTICS
Output high short-circuit current
limit
IOHL:QA
QCFG<4> = 0; Pin shorted to VSS
-1.2
mA
Output low short-circuit current
limit
IOLL:QA
QCFG<4> = 0; Pin shorted to VDD
2.5
mA
Equivalent transimpedance gain
ZQ:LN
TQM2=0x00; ZCFG<6> = 1 (low noise)
2.9
MΩ
5, 8
Input Frequency
TQM2=0x00; ZCFG<6> = 1 (low noise)
400
kHz
5, 8
Output common-mode voltage
VO:Q
QCFG=0x00
1.25
V
5, 8
Output noise voltage
|VN:LN|
ZCFG<6> = 1; integrated over f ≤ 300kHz
2
mV
5, 8
|VN:HS|
ZCFG<6> = 1; integrated over f ≤ 3MHz
20
mV
Total harmonic distortion
THDQ
f≤100KHz
-40
dB
5, 8
INDEX TRACK CHARACTERISTICS
Output high current
IOH:Z
VOH = VDD – 0.4V
-15
mA
6
Output low current
IOL:Z
VOL = 0.4V
28
mA
Output high short-circuit current
limit
IOHL:Z
Pin shorted to VSS
-50
mA
6
Output low short-circuit current
limit
IOLL:Z
Pin shorted to VDD
90
mA
Output extrinsic fall time
tF:Z
CL = 20pF; From 90% to 10% of VDD
10
ns
Output extrinsic rise time
tR:Z
CL = 20pF; From 10% to 90% of VDD
10
ns
LED DRIVER CHARACTERISTICS
LEDK pin voltage
VK
TA ≤ -40°C; IOL:K ≤ 85mA
0.60
V
TA ≤ 25°C; IOL:K ≤ 85mA
0.70
TA ≤ 125°C; IOL:K ≤ 85mA
0.80
LEDK output current
IOL:K
ILED = 0x00; VK(min) ≤ V(LEDK) ≤ VK(max)
0.1
10.0
µA
10
ILED = 0x01; VK(min) ≤ V(LEDK) ≤ VK(max)
0.60
mA
ILED = 0x7F; VK(min) ≤ V(LEDK) ≤ VK(max)
80
mA
LEDK current differential non-
linearity
DNLI:K
ILED<7> = 0; VK(min) ≤ V(LEDK) ≤ VK(max)
-0.75
0.75
LSB
11
Closed-loop LED current update
period
tupd:N
LEDLP<7> = 0; ILED<7> = 1
16
s
LED drive-alarm threshold
IOLA:K
0.875*ILED<6:0>
mA
MODE PIN CHARACTERISTICS
Input low voltage
VIL:M
0.3*VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com