Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 23 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 23 Page - TT Electronics.

Back Button FS210 Datasheet HTML 19Page - TT Electronics. FS210 Datasheet HTML 20Page - TT Electronics. FS210 Datasheet HTML 21Page - TT Electronics. FS210 Datasheet HTML 22Page - TT Electronics. FS210 Datasheet HTML 23Page - TT Electronics. FS210 Datasheet HTML 24Page - TT Electronics. FS210 Datasheet HTML 25Page - TT Electronics. FS210 Datasheet HTML 26Page - TT Electronics. FS210 Datasheet HTML 27Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 23
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Signal Conditioning
For ideal system-level determination of position and velocity, the sinusoidal quadrature-track analog voltages produced
from the aggregated photocurrents from the FS210/FS310’s properly-configured pixel array should have zero DC offset and
equal amplitudes and be exactly 90° out of phase. Deviations from these ideal signal characteristics can arise from several
sources, such as:
• Mismatch between the LED’s emission pattern, the code wheel, and the PXC/CCFG pattern
• Imperfections in code-wheel printing
• Code-wheel eccentricity and/or presence of an out-of-plane component of rotation
• Transistor-level mismatches in the FlexSenseTM chip
The FS210/FS310 contains registers to trim the quadrature-track DC offsets and amplitudes. below illustrates the
quadrature-track signal path. The nominal value of the TIA feedback resistors is 230kΩ if the TLNM bit in the ZCFG control
register is 0, or 700kΩ if the TLNM bit is 1. The power-on default voltage gain of the second-stage buffer is 4.
90°
A+ (Positive COS)
A- (Negative COS)
B+ (Positive SINE)
B- (Negative SINE)
xG
TIA
xG
TIA
Current
Voltage
Optical
A+
A-
B+
B-
TQM2
TQM1
TDCA/B
Figure 10: Differential Photocurrents (A+/A- & B+/B-) Signal paths
A small current can be injected in parallel with either the A+ or the A- aggregated photocurrent, and another small current
can be injected in parallel with either the B+ or the B- aggregated photocurrent. The TDCA and TDCB trim registers,
respectively, control these currents. Adding trim current in parallel with the A+ (B+) aggregated photocurrent acts to make
the DC offset of the A (B) differential output voltage more positive or less negative. Adding trim current in parallel with the
A- (B-) aggregated photocurrent acts to make the DC offset of the A(B) differential output voltage less positive or more
negative. Up to 31 steps of 4nA each can be added to either the A+ or the A- aggregated photocurrent, and up to 31 steps
of 4nA each can be added to either the B+ or the B- aggregated photocurrent.
Mismatches in the amplitudes of the A+/A- and B+/B- differential output voltages can be counteracted by reducing the
feedback transresistances around whichever of the A or B transimpedance amplifier produces a greater untrimmed
differential sinusoidal voltage amplitude. The TQM1 trim register controls this transimpedance attenuation: one bit selects
either the A or B transresistances to be attenuated, and the remainder of the register allows the selected transresistances
to be reduced by up to 7 steps of 5% each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com