Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 2 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 2 Page - TT Electronics.

  FS210 Datasheet HTML 1Page - TT Electronics. FS210 Datasheet HTML 2Page - TT Electronics. FS210 Datasheet HTML 3Page - TT Electronics. FS210 Datasheet HTML 4Page - TT Electronics. FS210 Datasheet HTML 5Page - TT Electronics. FS210 Datasheet HTML 6Page - TT Electronics. FS210 Datasheet HTML 7Page - TT Electronics. FS210 Datasheet HTML 8Page - TT Electronics. FS210 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 2
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
General Description
The FS210/FS310 is a user-configurable single-chip solution for an incremental optical encoder, available in a surface-mount
high-usage-temperature-tolerant package. The sensor is available for both transmissive (FS210) and reflective (FS310)
applications. Its programmable photosensor pattern can accommodate code wheels with printing densities of up to 635
lines per inch for the FS310, which corresponds to more than 2,048 pulses per revolution (PPR) at an optical radius of 13mm
(320 LPI for the FS210). It provides complementary quadrature– and index-track outputs. Its quadrature outputs are
configurable as either analog (with ≤ 1% THD, enabling high-quality off-chip interpolation) or digital (with low quadrature
error) with up to 8x interpolation or programmable down-division by up to 2,048x in order to handle a wider logical PPR
range. Its digital index-track output can be configured to be synchronized to either quadrature output, for a pulse width of
exactly one-half cycle, or to both quadrature outputs, for a pulse width of exactly one-quarter cycle. The FS310 includes an
in-package LED, and both the FS210/FS310 include an integrated driver that is user-configurable either to drive a fixed user-
configurable current or as part of a closed-loop control system to produce a fixed optical input power density over its
photosensors. The easy-to-use I2C interface and memory-mapped photosensor configuration enable automated alignment
and signal conditioning during encoder module assembly, all from a single 3.3V ±10% supply.
Package Pinout
Pixel Array
TOP VIEW
FS210
5x5mm OQFN 32-Pin
EP (GND)
17
18
19
20
21
22
23
24
GND
16
VSS
14
VDD
15
NC
13
IRQZ
12
SCL
11
SDA
10
9
MODE
25
NC
NC
26
VSSA
27
AOUT_P_ANA
28
AOUT_N_ANA
29
BOUT_P_ANA
30
BOUT_N_ANA
31
VDDA
32
8
7
4
3
2
1
5
6
Figure 1: FS210 Pin Configuration (5mm x 5mm OQFN -
top view)
Pixel Array
TOP VIEW
FS310
5x5mm OQFN 32-Pin
EP (GND)
17
18
19
20
21
22
23
24
GND
16
VSS
14
VDD
15
NC
13
IRQZ
12
SCL
11
SDA
10
9
MODE
25
NC
NC
26
VSSA
27
AOUT_P_ANA
28
AOUT_N_ANA
29
BOUT_P_ANA
30
BOUT_N_ANA
31
VDDA
32
8
7
5
4
3
2
1
6
Figure 2: FS310 Pin Configuration (5mm x 5mm OQFN -
top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com