Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 10 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 10 Page - TT Electronics.

Back Button FS210 Datasheet HTML 6Page - TT Electronics. FS210 Datasheet HTML 7Page - TT Electronics. FS210 Datasheet HTML 8Page - TT Electronics. FS210 Datasheet HTML 9Page - TT Electronics. FS210 Datasheet HTML 10Page - TT Electronics. FS210 Datasheet HTML 11Page - TT Electronics. FS210 Datasheet HTML 12Page - TT Electronics. FS210 Datasheet HTML 13Page - TT Electronics. FS210 Datasheet HTML 14Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 10
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Memory Mapping
Table 4: FS210/FS310 Memory Map
Address Range
Power-On
Reset State
Register
0x0000 – 0x01FF
<random>
PXC
Pixel control bits
0x0200 – 0x03FF
X
<not implemented>
0x0400 – 0x041F
<random>
CCFG
Pixel column configuration bits
0x0420 – 0x087F
X
<not implemented>
0x0880
0x00
TDCA
Offset trim for A (cosine) quadrature-track signal path
0x0881
0x00
TDCB
Offset trim for B (sine) quadrature-track signal path
0x0882
0x00
TQM1 Trim to equalize A and B quadrature-track differential output voltage
magnitudes
0x0883
0x00
TQM2 Trim to change A and B quadrature-track differential buffer gains together
0x0884
0x00
QCFG
Quadrature-track output control
0x0885
0x00
ZCFG
Index-track output control
0x0886
0x10
ILED
LED drive-current open-/closed-loop selection and maximum current magnitude
0x0887
0x26
LEDLP Control bits for closed-loop LED drive control
0x0888
0xCC
TALM
Thermal-alarm trip point selection thermal-shutdown/alarm trim
0x0889
0x00
INTR
Interrupt mask and status bits
0x088A
0xFF
TIAE
Enable bits for quadrature-track and index-track transimpedance amplifiers
0x088B
0x00
CBFEZ Enable bits (active-low) for quadrature-track buffers and quadrature- and index-
track comparators
0x088C
0x00
SIG
Signature: off-chip NVM should be set up such that master-mode power-up
sequence writes 0xAA to this register
0x088D
0x01
MISC
Control bits to output PTAT current and Sin2x + Cos2x differential currents
0x088E
0x00 or 0xAA
SIGV
Signature-verify register (read-only): reads 0x0A if a master-mode power-up
sequence completes successfully and 0xAA was copied to SIG during this
sequence; reads 0x00 otherwise
0x088F
0x10
LEDLV Actual instantaneous LED drive current (read-only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com