Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 26 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 26 Page - TT Electronics.

Back Button FS210 Datasheet HTML 22Page - TT Electronics. FS210 Datasheet HTML 23Page - TT Electronics. FS210 Datasheet HTML 24Page - TT Electronics. FS210 Datasheet HTML 25Page - TT Electronics. FS210 Datasheet HTML 26Page - TT Electronics. FS210 Datasheet HTML 27Page - TT Electronics. FS210 Datasheet HTML 28Page - TT Electronics. FS210 Datasheet HTML 29Page - TT Electronics. FS210 Datasheet HTML 30Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 26
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
LED Drive Control
The LEDK pin of the FS210/FS310 is intended to be connected to the cathode of the LED acting as the light source for the
encoder system. The LED is external for the FS210 and is in-package for the FS310. The LED drive can be regulated either at
a fixed current level or in a closed control loop, as selected by bit 7 of the ILED control register. The drive current can be
disabled completely by writing the ILED control register to 0x00.
In a transmissive-mode design the LED is placed on the opposite side of the code wheel from the PCB containing all the
other components in the encoder module, with the LEDK pin of the FlexSenseTM device connected off-board to the cathode
of the LED. The OP207CL IR LED from TT Electronics is recommended for use with the FS210.
In open-loop control, the current sunk by the LEDK pin is kept first-order constant at the level coded by the least-significant
7 bits of the ILED control register. ILED<6:0> is taken to represent an unsigned binary-weighted integer in the range [0,
127], and the drive current is fixed at 0.6mA/LSB nominally. Therefore, the optical power density incident to the
FS210/FS310 varies directly with the LED optical output power at this fixed drive current – both with temperature (LED
optical output power at a given drive current decreases with increasing temperature and vice-versa) and with LED
degradation (LED optical output power at a given drive current at constant temperature decreases slowly over the
operating lifetime of the LED).
In closed-loop control, the current sunk by the LEDK pin is varied in order to maintain nearly constant quadrature-track
signal voltage amplitude at all operating conditions – i.e. to compensate automatically for the degradation of LED output
optical power over operating life and for the heavy negative temperature dependence of LED output optical power at a
given drive current – without requiring any explicit user action. At the onset of closed-loop control, the LEDK drive current
is initialized to 7/8 (0.875) of the value encoded by ILED<6:0>. The LEDK drive current is decreased by 0.6mA if the
quadrature-track differential output voltage amplitude is greater than the level encoded by the LEDLP control register, and
the LED drive current is increased by 0.6mA if the quadrature-track differential output voltage amplitude is less than the
level encoded by LEDLP and the drive current does not exceed the level encoded by ILED<6:0>. In no case can the LEDK
drive current be greater than the level encoded by ILED<6:0>. The LEDK drive current is updated approximately either once
every sixteen seconds or once every second, depending on the state of the FAST bit of the LEDLP control register. The value
of the actual LEDK drive current can be read back through the LEDLV status register.
In closed-loop control, if the actual LEDK drive current is greater than 7/8 of the level encoded by ILED<6:0>, an alarm
condition is present: bit 6 of the interrupt mask/status register is set, and an interrupt is generated if not masked by bit 2 of
the interrupt mask/status register.
LED Drive Current Control Register (ILED: [0x0886])
Table 22. ILED register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
C_OZ
ILK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com