Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS210 Datasheet(PDF) 19 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 19 Page - TT Electronics.

Back Button FS210 Datasheet HTML 15Page - TT Electronics. FS210 Datasheet HTML 16Page - TT Electronics. FS210 Datasheet HTML 17Page - TT Electronics. FS210 Datasheet HTML 18Page - TT Electronics. FS210 Datasheet HTML 19Page - TT Electronics. FS210 Datasheet HTML 20Page - TT Electronics. FS210 Datasheet HTML 21Page - TT Electronics. FS210 Datasheet HTML 22Page - TT Electronics. FS210 Datasheet HTML 23Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 19
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Index-Track Configuration Register (ZCFG: [0x0885]):
Table 12. ZCFG register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
TLNM (‘b1)
RSVD
SE_DZ
RSVD
ZGCTL
Table 13. ZCFG field description
Bits
Description
ZGCTL
Index-pulse gating control:
00: Ungated
ZOUT_P = 1 when Z+ aggregated photocurrent is greater than Z- aggregated
photocurrent, regardless of quadrature-track output condition
01: Gated by A ZOUT_P = 1 beginning at the first AOUT_P_DIG falling edge after Z+ aggregated
photocurrent becomes greater than Z- aggregated photocurrent and ending at the
next subsequent AOUT_P_DIG rising edge
10: Gated by B ZOUT_P = 1 beginning at the first BOUT_P_DIG falling edge after Z+ aggregated
photocurrent becomes greater than Z- aggregated photocurrent and ending at the
next subsequent BOUT_P_DIG rising edge
11: by A & B
ZOUT_P = 1 beginning at the first AOUT_P_DIG falling edge when BOUT_P_DIG = 0
or the first falling BOUT_P_DIG falling edge when AOUT_P_DIG = 0 after Z+
aggregated photocurrent becomes greater than Z- aggregated photocurrent and
ending at the next subsequent AOUT_P_DIG or BOUT_P_DIG rising edge
SE_DZ
Single-ended/differential output control:
0: Differential Device drives ZOUT_P, ZOUT_N to complementary logic levels
1: Single-ended Device places ZOUT_N in high-impedance state and only drives ZOUT_P
TLNM
Always set to ‘b1:
1: Low-Noise
Quad-track signal path has 3dB corner frequency limited to 400KHz
RSVD
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com