Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 3 Page - Texas Instruments

  LM337 Datasheet HTML 1Page - Texas Instruments LM337 Datasheet HTML 2Page - Texas Instruments LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM337...KTE, KTP, OR KVU PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUSTMENT
LM337...KTT (TO-263) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUSTMENT
LM237, LM337...KC (TO-220) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUSTMENT
INPUT
OUTPUT
LM337...KCS (TO-220) PACKAGE
(TOP VIEW)
ADJUSTMENT
LM237, LM337
www.ti.com
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Adjustment pin for the output voltage. Connect two external
ADJUSTMENT
1
I
resistors to adjust the output voltage.
Input voltage. The input voltage and current will be
INPUT
2
I
designated VI and II respectively.
Output voltage. The output voltage and current will be
OUTPUT
3
O
designated VO and IO respectively.
Copyright © 1981–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com