Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments LM337 Datasheet HTML 10Page - Texas Instruments LM337 Datasheet HTML 11Page - Texas Instruments LM337 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADJUSTMENT
OUTPUT
INPUT
LM237, LM337
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
www.ti.com
8.3 Design Schematic
8.4 Feature Description
8.4.1 Output Voltage Adjustment
The ADJUSTMENT pin serves as a voltage adjustment reference for the output. The ADJUSTMENT pin can be
attached to a resistor divider circuit to adjust its own voltage level. The reference voltage VADJUSTMENT will
typically be 1.25 V higher than VO.
8.5 Device Functional Modes
8.5.1 Adjustable Output Mode
The device has a single functional mode: Adjustable output voltage mode. A resistor divider circuit on the
ADJUSTMENT pin determines the output voltage.
8
Submit Documentation Feedback
Copyright © 1981–2015, Texas Instruments Incorporated
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com