Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 5 Page - Texas Instruments

  LM337 Datasheet HTML 1Page - Texas Instruments LM337 Datasheet HTML 2Page - Texas Instruments LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM237, LM337
www.ti.com
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
7.5
Electrical Characteristics
over recommended ranges of operating virtual junction temperature (unless otherwise noted)
LM237
LM337
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C
0.01
0.02
0.01
0.04
Input regulation(2)
VI – VO = –3 V to –40 V
%/V
TJ = MIN to MAX
0.02
0.05
0.02
0.07
VO = –10 V, f = 120 Hz
60
60
Ripple rejection
dB
VO = –10 V, f = 120 Hz, CADJ = 10 μF
66
77
66
77
|VO| ≤ 5 V
25
50
mV
IO = 10 mA to 1.5 A,
TJ = 25°C
|VO| ≥ 5 V
0.3%
0.5%
0.3%
1%
—
Output regulation
|VO| ≤ 5 V
50
70
mV
IO = 10 mA to 1.5 A
|VO| ≥ 5 V
1%
1.5%
—
Output-voltage change with
TJ = MIN to MAX
0.6%
0.6%
—
temperature
Output-voltage long-term drift
After 1000 h at TJ = MAX and VI – VO = –40 V
0.3%
1%
0.3%
1%
—
Output noise voltage
f = 10 Hz to 10 kHz, TJ = 25°C
0.003%
0.003%
—
|VI – VO| ≤ 40 V
2.5
5
2.5
10
Minimum output current to
mA
maintain regulation
|VI – VO| ≤ 10 V
1.2
3
1.5
6
|VI – VO| ≤ 15 V
1.5
2.2
1.5
2.2
Peak output current
A
|VI – VO| ≤ 40 V, TJ = 25°C
0.24
0.4
0.15
0.4
ADJUSTMENT current
65
100
65
100
μA
Change in ADJUSTMENT
VI – VO = –2.5 V to –40 V, IO = 10 mA to MAX,
2
5
2
5
μA
current
TJ = 25°C
VI – VO = –3 V to –40 V,
TJ = 25°C
–1.225
–1.25
–1.275
–1.213
–1.25
–1.287
Reference voltage (OUTPUT
IO = 10 mA to 1.5 A,
V
to ADJUSTMENT)
TJ = MIN to MAX
–1.2
–1.25
–1.3
–1.2
–1.25
–1.3
P
≤ rated dissipation
Thermal regulation
Initial TJ = 25°C, 10-ms pulse
0.002
0.02
0.003
0.04
%/W
(1)
Unless otherwise noted, the following test conditions apply: |VI – VO| = 5 V and IO = 0.5 A. For conditions shown as MIN or MAX, use
the appropriate value specified under recommended operating conditions. All characteristics are measured with a 0.1-
μF capacitor
across the input and a 1-
μF capacitor across the output. Pulse-testing techniques are used to maintain the junction temperature as close
to the ambient temperature as possible. Thermal effects must be taken into account separately.
(2)
Input regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
7.6
Electrical Characteristics
TJ = 25°C
LM237, LM337
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
Input regulation(2)
VI – VO = –3 V to –40 V
0.01
0.04
%/V
VO = –10 V, f = 120 Hz
60
Ripple rejection
dB
VO = –10 V, f = 120 Hz, CADJ = 10 μF
66
77
|VO| ≤ 5 V
50
mV
Output regulation
IO = 10 mA to 1.5 A
|VO| ≥ 5 V
0.3%
1%
—
Output noise voltage
f = 10 Hz to 10 kHz
0.003%
—
|VI – VO| ≤ 40 V
2.5
10
Minimum output current to maintain
mA
regulation
|VI – VO| ≤ 10 V
1.5
6
|VI – VO| ≤ 15 V
1.5
2.2
Peak output current
A
|VI – VO| ≤ 40 V
0.15
0.4
ADJUSTMENT current
65
100
μA
Change in ADJUSTMENT current
VI – VO = –2.5 V to –40 V, IO = 10 mA to MAX
2
5
μA
Reference voltage
VI – VO = –3 V to –40 V, IO = 10 mA to 1.5 A,
–1.213
–1.25
–1.287
V
(OUTPUT to ADJUSTMENT)
P
≤ rated dissipation
(1)
Unless otherwise noted, the following test conditions apply: |VI – VO| = 5 V and IO = 0.5 A. All characteristics are measured with a 0.1-
μF capacitor across the input and a 1-μF capacitor across the output. Pulse-testing techniques are used to maintain the junction
temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately.
(2)
Input regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
Copyright © 1981–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com