Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 4 Page - Texas Instruments

  LM337 Datasheet HTML 1Page - Texas Instruments LM337 Datasheet HTML 2Page - Texas Instruments LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM237, LM337
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature ranges (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI – VO
Input-to-output differential voltage
–40
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1.6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
1500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
1500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3
Recommended Operating Conditions
MIN
MAX
UNIT
VI-VO
Input-to-output differential voltage
-2.5
-37
|VI – VO| ≤ 40 V, P ≤ 15 W
10
1500
IO
Output current
mA
|VI – VO| ≤ 10 V, P ≤ 15 W
6
1500
LM237
–25
150
TJ
Operating virtual junction temperature
°C
LM337
0
125
7.4 Thermal Information
LM237
LMx37
LM337
THERMAL METRIC(1)
KC
KCS
KTE
KTP
KTT
KVU
UNIT
4 PINS
4 PINS
4 PINS
4 PINS
4 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
24.8
24.8
23
28
25.3
30.3
°C/W
RθJC(top
Junction-to-case (top) thermal resistance
3
3
3
19
30.3
N/A
)
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
4
Submit Documentation Feedback
Copyright © 1981–2015, Texas Instruments Incorporated
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com