Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 1 Page - Texas Instruments

  LM337 Datasheet HTML 1Page - Texas Instruments LM337 Datasheet HTML 2Page - Texas Instruments LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
C1
+
C2
R1
R2
+
INPUT
OUTPUT
ADJUSTMENT
LM237
or
LM337
V
V
O
I
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM237, LM337
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
LMx37 3-Terminal Adjustable Regulators
1 Features
3 Description
The LM237 and LM337 are adjustable 3-terminal
1
•
Output Voltage Range Adjustable From
negative-voltage regulators capable of supplying in
–1.2 V to –37 V
excess of –1.5 A over an output voltage range of –1.2
•
Output Current Capability of 1.5 A Max
V to –37 V. They require only two external resistors
•
Input Regulation Typically 0.01% Per Input-
to set the output voltage and one output capacitor for
frequency compensation.
Voltage Change
•
Output Regulation Typically 0.3%
Device Information(1)
•
Peak Output Current Constant Over Temperature
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Range of Regulator
TO-220 (4)
10.16 mm x 8.82 mm
•
Ripple Rejection Typically 77 dB
LMx37
TO-263 (4)
10.16 mm x 9.02 mm
•
Direct Replacement for Industry-Standard LM237
TO-252 (4)
6.6 mm x 6.10 mm
and LM337
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
•
Applications Requiring Negative Output Voltage or
Precision Current Regulation
•
Consumer Electronics
•
End Equipment
•
Portable Applications
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM337 STMICROELECTRONICS-LM337 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
Texas Instruments
LM337 TI-LM337 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Seme LAB
LM337 SEME-LAB-LM337 Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
More results

Similar Description - LM337

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM237 TI-LM237 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
TL317 TI-TL317 Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
WS337L WINGS-WS337L Datasheet
113Kb / 1P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
LM237 TI-LM237_07 Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
3-Terminal Adjustable Regulators
logo
Texas Instruments
LM237 TI-LM237_15 Datasheet
1Mb / 25P
LMx37 3-Terminal Adjustable Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com